Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB-400 Datasheet(PDF) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

Part # STB-400
Description  1000TVL (1280H) WDR Camera
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.

STB-400 Datasheet(HTML) 2 Page - Hanwha Vision Co., Ltd. All rights Reserved.

  STB-400 Datasheet HTML 1Page - Hanwha Vision Co., Ltd. All rights Reserved. STB-400 Datasheet HTML 2Page - Hanwha Vision Co., Ltd. All rights Reserved. STB-400 Datasheet HTML 3Page - Hanwha Vision Co., Ltd. All rights Reserved. STB-400 Datasheet HTML 4Page - Hanwha Vision Co., Ltd. All rights Reserved. STB-400 Datasheet HTML 5Page - Hanwha Vision Co., Ltd. All rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SCB-5005
Design and specifications are subject to change without notice. The latest product information / specification can be found at HanwhaVision.com.
Hanwha Vision is formerly known as Hanwha Techwin.
© Hanwha Vision CO., LTD.
All rights reserved.
2/5
SCB-5005
1000TVL (1280H) WDR Camera
Specifications
Video
Imaging Device
1/3" 1.3M CMOS
NETD
Progressive
Pixel Size
Color : 1000 TVL, B/W : 1000 TVL
Min. Illumination
0.03Lux (F1.2, 50IRE), 0.001Lux (1sec, F1.2, 50IRE), 0.01Lux (F1.2, 30IRE), 0.0003Lux (1sec, F1.2, 30IRE)
Video Out
CVBS : 1.0 Vp-p / 75Ω composite
Lens
Lens Type
Manual / DC auto iris / P-iris
Mount Type
C / CS
Operational
Motion Detection
Samsung-T/E, Pelco-D/P, Panasonic, Bosch, Honeywell, Vicon, AD, GE
Privacy Masking
Pelco-C (Coaxitron)
Gain Control
Fence, (Dis)Appear, Counting (Off / On)
Environmental & Electrical
Operating Temperature / Humidity
-10°C ~ +55°C (+14°F ~ +131°F)
Storage Temperature / Humidity
Less than 90% RH
Input Voltage
Dual (24V AC & 12V DC ±10%)
Mechanical
Color / Material
Black, Silver
RAL Code
Aluminum, Plastic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com