Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR3927 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR3927
Description  32-Bit TX System RISC TX39 Family
PDF  512 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3927 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR3927 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3927 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 512 page
background image
Chapter 7 Bus Operation
7-3
7.2
Bus Operation
The TX3927 performs bus operation for the following four device controllers. Before attempting to access
a particular external device, you must set the corresponding controller with the device's address space and
the number of desired wait states. For details of bus operation, refer to the relevant chapters.
External Device
Controller
Detailed Description
SDRAM, SGRAM,
SMROM, DIMM flash
memory
SDRAMC
Chapter 8
ROM, SRAM, flash
memory
ROMC
Chapter 9
Memory, I/O
DMAC
Chapter 10
PCI devices
PCIC
Chapter 12
The SDRAMC and ROMC operate in the same way regardless of whether the bus master is the TX39/H2,
DMA controller (DMAC), or PCI controller (PCIC). The DMAC does not directly access external memory
or I/O devices, but access them via the SDRAMC or ROMC. When the TX39/H2 or DMAC accesses any
device on the PCI, the PCIC acts as the memory controller for the PCI bus. When an external PCI device
accesses memory or other devices attached to the TX3927, the PCIC acts as the bus master and accesses the
TX3927’s local memory via the SDRAMC or ROMC. If the data cache is used in write back mode, however,
the TX39/H2 core does not support the snoop function, so the snoop function must be disabled for the PCIC
and DMAC.
Bus Master
Memory Controller
External Device
SDRAMC, ROMC
Local memory, I/O
TX39/H2
PCIC (initiator)
PCI device
SDRAMC, ROMC
Local memory, I/O
DMAC
PCIC (initiator)
PCI device
PCIC (target)
(external PCI device)
SDRAMC, ROMC
Local memory, I/O
Set the address space for each memory controller to ensure that the SDRAMC, ROMC, and PCIC acting
as memory controllers will not simultaneously access the same address space.
The program must ensure that the TX3927 will only initiate bus operation for accesses to the address areas
which have been properly set up in the controllers listed above (or to TX3927 internal registers). Set the
address area for the device you wish to access in the appropriate controller.
The TX3927 offers two bus speed modes: full speed bus mode and half speed bus mode. In full speed bus
mode, the external bus operates at the same frequency as the G-Bus (1/2 the CPU frequency). In half speed
bus mode, the external bus operates at 1/2 the G-Bus frequency (1/4 the CPU frequency). Boot signal
CHANHS* (ADDR[15] pin) selects the speed of SYSCLK output. Full speed mode is selected if CHANHS*
is high at the rising edge of RESET*. Half speed mode is selected if CHANHS* is low at the rising edge of
RESET*. The ROMC also contains a register used to select either mode for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com