Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3015ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3015ESA
Description  2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3015ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3015ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.04, 2019
AX3015
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is
included that disables the device, if the input voltage falls below 6.0 V.
APPLICATION INFORMATION
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
 
2
1
1
08
1
R
R
V
V
OUT
.
Table 1 Resistor select for output voltage setting
VOUT
R2
R1
5.03V
8.2K
30K
3.32V
13K
27K
Current Limit Protection
The Current limit is set by outside resistance (RSENSE), When the SENSE1-SENSE2
voltage larger than 140mV, the current limit is happened that driver can be turned off until
the drop is small than 110mV. The current limit set according to the following equation:
SENSE
R
m
140
(A)
Limit
Current
The maximum output current table is shown as below; please refer the table to design.
RSENSE (Ω)
Current Limit (A)
Maximum Output Current (A)
100m
1.4
1.1
150m
0.93
0.7
200m
0.7
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com