Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K3851-R-ATX Datasheet(PDF) 5 Page - Kontron

Part # K3851-R-ATX
Description  Intel® R680E Chipset and Intel® Core™ processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3851-R-ATX Datasheet(HTML) 5 Page - Kontron

  K3851-R-ATX Datasheet HTML 1Page - Kontron K3851-R-ATX Datasheet HTML 2Page - Kontron K3851-R-ATX Datasheet HTML 3Page - Kontron K3851-R-ATX Datasheet HTML 4Page - Kontron K3851-R-ATX Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
K3851-R ATX
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Ordering Information
Accessories
ARTICLE
PART NO.
DESCRIPTION
K3851-R1 ATX
F5110-V194
Intel® Core™ processors (12th/13th/14th Gen), Intel® R680E Chipset
For existing designs and projects only. Not recommend for new designs.
K3851-R2 ATX
F5110-V220
Intel® Core™ processors (12th/13th/14th Gen), Intel® R680E Chipset
Updated PCB - Recommended for new designs
SERIAL PORT CABLE
S26361-F5000-K010
400 mm, fullsize slot bracket
M.2 CARRIER BOARD
S26361-F5000-M001
D3352-A1
M.2 KEY-E/A SATA ADDON
F5000-M004
AddOn for M.2 Key-E/A slot to provide two SATA 6G ports
Kit contains 40 x adapter K1201-A
SLIM HEATSINK LGA1700 65W
F5000-C030
Box contains 40x cooler plus 40x backplate



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com