Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCP3601CMR Datasheet(PDF) 12 Page - STMicroelectronics

Part # DCP3601CMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601CMR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button DCP3601CMR Datasheet HTML 8Page - STMicroelectronics DCP3601CMR Datasheet HTML 9Page - STMicroelectronics DCP3601CMR Datasheet HTML 10Page - STMicroelectronics DCP3601CMR Datasheet HTML 11Page - STMicroelectronics DCP3601CMR Datasheet HTML 12Page - STMicroelectronics DCP3601CMR Datasheet HTML 13Page - STMicroelectronics DCP3601CMR Datasheet HTML 14Page - STMicroelectronics DCP3601CMR Datasheet HTML 15Page - STMicroelectronics DCP3601CMR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Where ΔVHIGHSIDE and ΔVLOWSIDE are the voltage drops across the embedded switches. The peak-to-peak
voltage across the input filter can be calculated as the equation below:
VPP= IOUT
CIN∙FSW∙ 1−Dη Dη+ESR∙ IOUT+∆IL
(12)
In case of negligible ESR (MLCC capacitor), the equation of CIN as a function of the target VPP can be written as
follows:
CIN= IOUT
VPP∙FSW ∙ 1−Dη Dη
(13)
Considering η = 1 this function has its maximum in D = 0.5:
CIN_min= IOUT
4∙VPP_max∙FSW
(14)
Typically, CIN is dimensioned to keep the maximum peak-to-peak voltage across the input filter in the order of 5%
VINMAX.
7.4
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage ripple. The inductor
value is usually selected in order to keep the current ripple lower than 20% - 40% of the output current over the
input voltage range. The inductance value can be calculated by the following equation:
∆IL=VIN−VOUTL∙tON=VOUTL∙tOFF
(15)
Where TON and TOFF are the on and off-time of the internal power switch. The maximum current ripple at fixed
VOUT is obtained at maximum TOFF, which is at minimum duty cycle. So fixing ΔIL = 20% to 40% of the maximum
output current, the minimum inductance value can be calculated:
Lmin= VOUT∆IL_max∙1−DminFSW
(16)
The peak current through the inductor is given by:
IL_peak=IOUT+∆IL2
(17)
So if the inductor value decreases, the peak current (that has to be lower than the current limit of the device)
increases. The higher the inductor value, the higher the average output current that can be delivered, without
reaching the current limit.
DCP3601
Application information
DS14782 - Rev 1
page 12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com