Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCP3601NMR Datasheet(PDF) 3 Page - STMicroelectronics

Part # DCP3601NMR
Description  36 V, 1 A synchronous step-down converter in SOT23-6L
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DCP3601NMR Datasheet(HTML) 3 Page - STMicroelectronics

  DCP3601NMR Datasheet HTML 1Page - STMicroelectronics DCP3601NMR Datasheet HTML 2Page - STMicroelectronics DCP3601NMR Datasheet HTML 3Page - STMicroelectronics DCP3601NMR Datasheet HTML 4Page - STMicroelectronics DCP3601NMR Datasheet HTML 5Page - STMicroelectronics DCP3601NMR Datasheet HTML 6Page - STMicroelectronics DCP3601NMR Datasheet HTML 7Page - STMicroelectronics DCP3601NMR Datasheet HTML 8Page - STMicroelectronics DCP3601NMR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Pin connections
Figure 2. Pin configuration (top view)
Table 2. Pin description
Name
Pin #
Description
BOOT
1
Bootstrap. Connect a capacitor between SW and BOOT to form a floating supply across the
high-side switch driver.
GND
2
System ground. GND is the reference ground of the regulated output voltage. Therefore,
care must be taken during PCB layout. Use wide PCB traces to make the connection.
FB
3
Feedback. An external resistor divider from the output to GND tapped to FB sets the output
voltage. It is recommended to place the resistor divider as close as possible to the FB pin.
EN
4
Enable. Precision enable pin. If the EN voltage is below 0.95 V, the converter is in shutdown
mode with all functions disabled (cannot be left floating).
VIN
5
Input voltage. VIN supplies power for the internal MOSFET, regulator, and the embedded
analog circuitry. Input capacitors are needed to decouple the input rail. Use wide PCB traces
to make the connection.
SW
6
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to VIN
by the high-side switch during the on-time of the PWM duty cycle. The inductor current drives
SW low during the off-time. Use wide PCB traces to make the connection.
DCP3601
Pin connections
DS14782 - Rev 1
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com