| Electronic Components Datasheet Search |
|
UPSD3422 Datasheet(PDF) 244 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Datasheet(HTML) 244 Page - STMicroelectronics |
|
244 / 293 page ![]() PSD module uPSD34xx 244/293 Table 145. Power management mode register PMMR2 (address = csiop + offset B4h) Note: The bits of this register are cleared to zero following Power-up. Subsequent Reset (RST) pulses do not clear the registers. Note: 1 Blocking bits should be set to logic ’1’ only if the signal is not needed in a DPLD or GPLD logic equation. Table 146. Power Management Mode Register PMMR3 (address = csiop + offset C7h) Note: The bits of this register are cleared to zero following Power-up. Subsequent Reset (RST) pulses do not clear the registers. Bit 0 X 0 Not used, and should be set to zero. Bit 1 X 0 Not used, and should be set to zero. Bit 2 Blocking Bit, WR to PLDs(1) 0 = on 8032 WR input to the PLD Input Bus is not blocked. 1 = off 8032 WR input to PLD Input Bus is blocked, saving power. Bit 3 Blocking Bit, RD to PLDs(1) 0 = on 8032 RD input to the PLD Input Bus is not blocked. 1 = off 8032 RD input to PLD Input Bus is blocked, saving power. Bit 4 Blocking Bit, PSEN to PLDs(1) 0 = on 8032 PSEN input to the PLD Input Bus is not blocked. 1 = off 8032 PSEN input to PLD Input Bus is blocked, saving power. Bit 5 Blocking Bit, ALE to PLDs(1) 0 = on 8032 ALE input to the PLD Input Bus is not blocked. 1 = off 8032 ALE input to PLD Input Bus is blocked, saving power. Bit 5 Blocking Bit, PC7 to PLDs(1) 0 = on Pin PC7 input to the PLD Input Bus is not blocked. 1 = off Pin PC7 input to PLD Input Bus is blocked, saving power. Bit 7 X 0 Not used, and should be set to zero. Bit 0 X 0 Not used, and should be set to zero. Bit 1 FORCE_PD 0 = off APD counter will cause Power-Down Mode if APD is enabled. 1 = on Power-Down mode will be entered immediately regardless of APD activity. Bit 3- 7 X 0 Not used, and should be set to zero. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |