Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NVF4-4 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NVF4-4
Description  NHG RELAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NVF4-4 Datasheet(HTML) 2 Page - DB Lectro Inc

  NVF4-4 Datasheet HTML 1Page - DB Lectro Inc NVF4-4 Datasheet HTML 2Page - DB Lectro Inc NVF4-4 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
Miniature.
Contact load capacity up to 80A.
Suitable for automobile.
Terminal types as inserting.
Ordering Information
NVF4-3 C Z 30 b DC12V C D
1
2
3
4
5
6
7
8
1 Part number NVF4-3,NVF4-4(Insulation Bracket),
NVF4-4a( Metal Bracket)
2 Contact arrangement A:1A B:1B C:1C U:1U
3 Enclosure S: Sealed type Z: Dust cover
4 Contact Current A Form:60A,80A
B Form:40A,70A
C Form :60A,80A
U Form:2 25A
5 Terminals b: PCB type a: plug in type
6 Coil rated Voltage(V) DC:6,12,24
7 Contact meterial C:AgCdO N:AgNi NIL: Ag SnO2
8 Coil transient suppression: D: with diode.;
2D:with two diodes.;.
R: with resistance.;
DR: with diode and resistance;
NIL: standard
Contact Data
Contact Arrangement
1A SPSTNO
1B SPSTNC
1C SPDT(B-M)
1U SPSTNODM
Contact Material
Ag SnO2 , AgNi
1A
1B
1C
1U
Contact Rating (resistive)
60A,80A/14VDC
40A,70A/14VDC
NO:60A,80A/14VDC
NC:40A,70A/14VDC
2 25A/14VDC
Max. Switching Power
980W
Max. Switching Voltage
75VDC
Max. Switching Current:80A
Contact Resistance or Voltage drop
30m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(65%of rated
voltage )
release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
006-1800
6
7.8
20
3.9
0.6
012-1800
12
15.6
80
7.8
1.2
024-1800
24
31.2
320
15.6
2.4
1.8
7
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
''
NVF4-3
NVF4-4
29
×29×26.5
29
×29×26.5(+16)
NHG RELAYS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com