Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

92CD54IF Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # 92CD54IF
Description  32-bit Micro-controller
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

92CD54IF Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button 92CD54IF Datasheet HTML 9Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 10Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 11Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 12Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 13Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 14Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 15Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 16Page - Toshiba Semiconductor 92CD54IF Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 343 page
background image
2006-01-27
92CD54I-13
TMP92CD54I
3.3.2
Standby controller
(1) Halt Modes
When the HALT instruction is executed, the operating mode switches to Idle2, Idle1, Idle3 or
Stop Mode, depending on the contents of the CLKMOD<HALTM1,HALTM0> register.
Clock Mode Register
7
6
5
4
3
2
1
0
bit Symbol
HALTM1
HALTM0
-
-
-
CLKOE
CLKM1
CLKM0
Read/Write
R/W
R/W
R/W
After reset
1
1
-
0
-
0
0
0
Function
Standby mode
00: IDLE3
01: STOP
10: IDLE1
11: IDLE2
Fix to “0”
CLKoutput
enable
0: not
output
1: output
CLK output select
00: fc
01: Reserved
10: 2/5 fc
11: Reserved
CLK output clock select
00
fc
01
Reserved
10
2/5 fc
11
Reserved
CLK output enable
0
Not output (Pull up)
1
Output
Selects standby mode by HALT instruction
00
IDLE3
01
STOP
10
IDLE1
11
IDLE2
Figure 3.3.2 Clock Mode Register
CLKMOD
(010AH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com