Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP92FD54AI Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMP92FD54AI
Description  CMOS 32-bit Micro-controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92FD54AI Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMP92FD54AI Datasheet HTML 76Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 77Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 78Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 79Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 80Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 81Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 82Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 83Page - Toshiba Semiconductor TMP92FD54AI Datasheet HTML 84Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
TMP92FD54AI
2006-01-27
92FD54AI-83
6.2
Points to Note
(1) Watchdog timer
The watchdog timer starts operation immediately after a reset is released. When the
watchdog timer is not to be used, disable it.
(2) The stable time of the internal clock
When releasing the external reset using “built-in clock doubler” until the internal reset is
released, the requiring time to stabilize the circuit is automatically set. See section 3.1.2
“Reset Operation” for details. Also when releasing standby mode in STOP mode using an
interrupt until the internal circuit starts the operation, the stable time of the oscillator is
automatically input. See section 3.4 “Standby Function (3) STOP mode” for details.
(3) Undefined bit in the built-in I/O register
When reading the undefined bit in the built-in I/O register, the undefined value is output.
Thus, when creating program, it should not be depending on this bit condition.
(4) Reserved address areas
The 16 bytes area (FFFFF0H to FFFFFFH) cannot be used for it is reserved as internal
area. If using emulator, optional 64 Kbytes of 16M bytes area are used for control emulator.
Therefore, if using emulator, its area cannot be used.
(5) POP SR instruction
Execute the POP SR instruction during DI condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com