Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6T Datasheet(PDF) 33 Page - STMicroelectronics

Part # UPSD3422EB40T6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UPSD3422EB40T6T Datasheet HTML 29Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 30Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 31Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 32Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 33Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 34Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 35Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 36Page - STMicroelectronics UPSD3422EB40T6T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 293 page
background image
uPSD34xx
Special function registers (SFR)
33/293
94
ADCPS
–
–
–
–
ADCCE
ADCPS[2:0]
00
Table 90
95
ADAT0
ADATA[7:0]
00
Table 91
96
ADAT1
–
–
–
–
–
–
ADATA[9:8]
00
Table 92
97
ACON
AINTF
AINTEN
ADEN
ADS[2:0]
ADST
ADSF
00
Table 89
98(1)
SCON0
SM0
<9Fh>
SM1
<9Eh>
SM2
<9Dh>
REN
<9Ch>
TB8
<9Bh>
RB8
<9Ah>
TI
<99h>
RI
<9h8>
00
Table 47
99
SBUF0
SBUF0[7:0]
00
Section
21
9A
RESERVED
9B
RESERVED
9C
RESERVED
9D
BUSCO
N
EPFQ
EBC
WRW1
WRW0
RDW1
RDW0
CW1
CW0
EB
Table 37
9E
RESERVED
9F
RESERVED
A0
RESERVED
A1
RESERVED
A2
PCACL0
PCACL0[7:0]
00
Table 93
A3
PCACH0
PCACH0[7:0]
00
Table 93
A4
PCACO
N0
EN_ALL
EN_PCA
EOVF1
PCA_IDL
–
–
CLK_SEL[1:0]
00
Table 96
A5
PCASTA
OVF1
INTF5
INTF4
INTF3
OVF0
INTF2
INTF1
INTF0
00
Table 98
A6
WDRST
WDRST[7:0]
00
Table 40
A7
IEA
EADC
ESPI
EPCA
ES1
–
–
EI2C
–
00
Table 18
A8(1)
IE
EA
<AFh>
–
ET2
<ADh>
ES0
<ACh>
ET1
<ABh>
EX1
<AAh>
ET0
<A9h>
EX0
<A8h>
00
Table 17
A9
TCMMO
DE0
EINTF
E_COMP
CAP_PE
CAP_NE
MATCH
TOGGLE
PWM[1:0]
00
Table 99
AA
TCMMO
DE1
EINTF
E_COMP
CAP_PE
CAP_NE
MATCH
TOGGLE
PWM[1:0]
00
AB
TCMMO
DE2
EINTF
E_COMP
CAP_PE
CAP_NE
MATCH
TOGGLE
PWM[1:0]
00
AC
CAPCO
ML0
CAPCOML0[7:0]
00
Table 93
AD
CAPCO
MH0
CAPCOMH0[7:0]
00
AE
WDKEY
WDKEY[7:0]
55
Table 39
Table 5.
SFR memory map with direct address and reset value
Bit Name and <Bit Address>
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com