Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3050/A Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3050/A
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050/A Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3050/A Datasheet HTML 1Page - AXElite technology co. ltd AX3050/A Datasheet HTML 2Page - AXElite technology co. ltd AX3050/A Datasheet HTML 3Page - AXElite technology co. ltd AX3050/A Datasheet HTML 4Page - AXElite technology co. ltd AX3050/A Datasheet HTML 5Page - AXElite technology co. ltd AX3050/A Datasheet HTML 6Page - AXElite technology co. ltd AX3050/A Datasheet HTML 7Page - AXElite technology co. ltd AX3050/A Datasheet HTML 8Page - AXElite technology co. ltd AX3050/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
APPLICATION CIRCUIT
AL CAPACITOR
(1) Frequency=100KHz
IN
COMP
GND
SENSE1
LX
SENSE2
FB
VIN=8~34V
C1
100
μF/35V
R1
8.2KΩ
R2
51mΩ
C2
2.2nF
L1
68
μH
D1
40V/3A
C4
470
μF
C6
10
μF
R3
4kΩ
R4
1KΩ
C5
2.2nF
BS
C3
0.1
μF
Vout=5V/1.8A
C7
Option
C8
2.2
μF
~10
μF
(2) Frequency=250KHz
IN
COMP
GND
SENSE1
LX
SENSE2
FB
VIN=8~34V
C1
100
μF/35V
R1
10KΩ
R2
51mΩ
C2
4.7nF
L1
22
μH
D1
40V/3A
C4
47uF~
220uF
C6
Option
R3
4kΩ
R4
1KΩ
C5
Option
BS
C3
0.1
μF
Vout=5V/1.8A
C7
39pF
C8
2.2μF
~
10μF
D2
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com