Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3050 Datasheet(PDF) 11 Page - AXElite technology co. ltd

Part # AX3050
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050 Datasheet(HTML) 11 Page - AXElite technology co. ltd

Back Button AX3050 Datasheet HTML 7Page - AXElite technology co. ltd AX3050 Datasheet HTML 8Page - AXElite technology co. ltd AX3050 Datasheet HTML 9Page - AXElite technology co. ltd AX3050 Datasheet HTML 10Page - AXElite technology co. ltd AX3050 Datasheet HTML 11Page - AXElite technology co. ltd AX3050 Datasheet HTML 12Page - AXElite technology co. ltd AX3050 Datasheet HTML 13Page - AXElite technology co. ltd AX3050 Datasheet HTML 14Page - AXElite technology co. ltd AX3050 Datasheet HTML 15Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
Layout Guide
1
2
3
4
5
6
7
8
BS
LX
SENSE1
SENSE2
FB
COMP
IN
GND
C8
10uF
C1
100uF
C3
0.1uF
L1
68uH
C4
470uF
R1
50mΩ
C6
10uF
D1
SS34
R4
1kΩ
R3
4kΩ
C5
2.2nF
C7
optional
C2
2.2nF
R2
8.2kΩ
AX3050
GND
VIN
VOUT
GND
EP
Recommended layout guidelines are as follows:
1. Connect the 10µF VIN bypass capacitor next to the IN pin with a short return to the GND
pin.
2. Keep the BS to LX bypass capacitor near both pins as it provides the internal high-side
FET gate driver.
3. Keep the LX traces as short as is practically possible as these carry high peak currents to
decrease the EMI issue.
4. Carefully connect the noise sensitive signals such as FB, COMP, SENSE1 and SENSE2 as
close to the IC as practically possible.
5. SENSE1 and SENSE2 should be connected to R1 resistor directly to provide accurate
current sensing.
6. The Exposed Pad (EP) should be connected to any internal PCB ground planes using
multiple vias directly under the IC for best thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com