Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3121 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3121
Description  3.5A Synchronous buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3121 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3121 Datasheet HTML 1Page - AXElite technology co. ltd AX3121 Datasheet HTML 2Page - AXElite technology co. ltd AX3121 Datasheet HTML 3Page - AXElite technology co. ltd AX3121 Datasheet HTML 4Page - AXElite technology co. ltd AX3121 Datasheet HTML 5Page - AXElite technology co. ltd AX3121 Datasheet HTML 6Page - AXElite technology co. ltd AX3121 Datasheet HTML 7Page - AXElite technology co. ltd AX3121 Datasheet HTML 8Page - AXElite technology co. ltd AX3121 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.16, 2019
AX3121
FUNCTION DESCRIPTIONS
PWM Control
The AX3121 consists of DC/DC converters that employ a synchronous pulse-width
modulation (PWM) system. In converters of the AX3121, the pulse width varies in a range
from 0 to 100%, according to the load current. The ripple voltage produced by the switching
can easily be removed through a filter because the switching frequency remains constant.
Therefore, these converters provide a low-ripple power over broad ranges of input voltage
and load current.
Setting the Output Voltage
Application circuit item shows the basic application circuit with adjustable output
version. The external resistor sets the output voltage according to the following equation:
 
5
2
1
62
0
R
R
V
V
OUT
.
Table 1 Resistor select for output voltage setting
VOUT
R5
R2
5.0V
4.7K
33K
3.3V
3K
13K
2.5V
3.3K
10K
1.8V
6.8K
13K
1.5V
3.3K
4.7K
1.184V
3.3K
3.0K
1.0V
3.3K
2.0K
COMP
Compensation pin. For EL output capacitor application, the COMP pin connects R4
and C9 to GND for all condition and for MLCC output capacitor application, the COMP
connects R4 and C8 to FB, please refer the application circuit table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com