Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3117BESA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3117BESA
Description  PWM Control 3A Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3117BESA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3117BESA Datasheet HTML 1Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 2Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 3Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 4Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 5Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 6Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 7Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 8Page - AXElite technology co. ltd AX3117BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Oct.15, 2019
AX3117
VEN/CT
Time
t1
t2
Time
Iin (A)
0.5V
1.5V
0
Current Limit
.)
Sec
(
u
8
.
1
1
×
10
C
=
2
t
.)
Sec
(
u
26
1
×
10
C
=
1
t
Under Voltage Lockout (UVLO)
To avoid error-operation of the device at low input voltages an under voltage lockout
is included that disables the device, if the input voltage lower than 5.8V.
Current Limit Protection
The Current limit is set by outside resistance (RSENSE), When the SENSE1-SENSE2
voltage larger than 140mV, the current limit is happened that driver can be turned off until
the drop is small than 90mV. The current limit set according to the following equation:
SENSE
R
×
2
)
mV
0
mV
140
(
+
mV
140
=
(A)
Limit
Current
5
-
The maximum output current table is shown as below; please refer the table to design.
RSENSE (Ω)
Current Limit (A)
50m
2.3
75m
1.53
100m
1.15
Inductor Selection
For most designs, the different frequency can be reducing the inductor value; Please
refer the table below.
L1 recommend value (VIN=10~36V ,VOUT=5V)
Version
AX3117A
AX3117/B
L1 Value (H)
22~47u
66~100u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com