Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3133 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3133
Description  PWM Control 3A Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3133 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3133 Datasheet HTML 1Page - AXElite technology co. ltd AX3133 Datasheet HTML 2Page - AXElite technology co. ltd AX3133 Datasheet HTML 3Page - AXElite technology co. ltd AX3133 Datasheet HTML 4Page - AXElite technology co. ltd AX3133 Datasheet HTML 5Page - AXElite technology co. ltd AX3133 Datasheet HTML 6Page - AXElite technology co. ltd AX3133 Datasheet HTML 7Page - AXElite technology co. ltd AX3133 Datasheet HTML 8Page - AXElite technology co. ltd AX3133 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Oct.16, 2019
AX3133
APPLICATION CIRCUIT
EL cap
C5
470uF
C4
470uF
1
2
L1
R1
5.6K
R4
1.1K
VIN+8~32V
VOUT = 5V/3A
D1
B340
C3
0.1uF
OSC
EN/SS
VGATE
VCC
GND
COMP
FB
SW
AX3133ES
R1
R4
VFB = 0.815V ; R4 suggest 0.8K ~ 3k
VOUT = VFB x (1 +
)
C7
0.1uF
C6
0.1uF
R3
C1
1uF
C9
R2
C2
R5
C10
0.1uF
(Option)
Compensation Table
COUT ESR Range
Frequency(Hz)
VIN RANGE
R2
C9
C2
L1
30m~80mΩ
50K
8~30V
100R
4n7
3300p
100u
150K
100R
4n7
1500p
68u
250K
470R
10n
1500p
33u
350K
470R
1n
680p
22u
80m~300mΩ
50K
100R
4n7
3300p
100u
150K
100R
4n7
820p
68u
250K
470R
10n
1500p
33u
350K
100R
4n7
180p
22u
FUNCTION DESCRIPTIONS
EN/SS
This pin can be supplied shutdown or soft start function. It is inside pull high function.
For normal application, the pin must be connected a capacitor to ground. There is a 5uA
current to charge this capacitor, vary the different capacitor value to control soft start time.
Allow the switching regulator circuit to be shutdown pulling this pin below a 0.8V threshold
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com