Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3531 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3531
Description  1.25MHz, 2A Synchronous Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3531 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3531 Datasheet HTML 1Page - AXElite technology co. ltd AX3531 Datasheet HTML 2Page - AXElite technology co. ltd AX3531 Datasheet HTML 3Page - AXElite technology co. ltd AX3531 Datasheet HTML 4Page - AXElite technology co. ltd AX3531 Datasheet HTML 5Page - AXElite technology co. ltd AX3531 Datasheet HTML 6Page - AXElite technology co. ltd AX3531 Datasheet HTML 7Page - AXElite technology co. ltd AX3531 Datasheet HTML 8Page - AXElite technology co. ltd AX3531 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Oct.31, 2019
AX3531
ELECTRICAL CHARACTERISTICS (COUNTINOUS)
(VIN = VEN=3.6V, TA =25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
R
DS(ON) of N-CH MOSFET
RDSON
VIN = 5V (Note 1)
-
100
-
mΩ
EN pin logic input threshold
voltage
VENL
-
-
0.4
V
VENH
1.2
-
-
EN Pin Input Current
IEN
-
±0.1
±1
uA
Efficiency
EFFI
VIN=5V, VOUT=3.3V,
IOUT=0.5A
-
94
-
%
Thermal shutdown
TDS
-
150
-
°C
Thermal
shutdown Hysteresis
TSH
-
30
-
°C
Note 1: Guaranteed by design.
APPLICATION CIRCUIT
VOUT = 0.6 * (1+R1/R2)
R2
100K
C1
10uF× 2
C2
10uF× 2
VOUT=1.8V
L1
2.2 uH
R1
200K
AX3531
VIN
EN
GND
SW
FB
C3
27pF
VIN=2.8V~5.5V
R2=10K~150K
FUNCTION DESCRIPTIONS
Operation
AX3531 is a monolithic switching mode step-down DC-DC converter. It utilizes internal
MOSFETs to achieve high efficiency and can generate very low output voltage by using
internal reference at 0.6V. It operates at a fixed switching frequency, and uses the slope
compensated current mode architecture. This step-down DC-DC Converter supplies
minimum 2000mA output current at input voltage range from 2.8V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com