Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3701ABA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3701ABA
Description  1.5MHz, 1.2A, VFB=0.6V Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3701ABA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3701ABA Datasheet HTML 1Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 2Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 3Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 4Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 5Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 6Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 7Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 8Page - AXElite technology co. ltd AX3701ABA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AX3701
ELECTRICAL CHARACTERISTICS
(VIN = VEN=3.6V, TA =25°C, unless otherwise specified) (Note)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage Range (Note 2)
VIN
2.5
-
6.0
V
Under Voltage Lock Out
threshold
VUVLO
VIN Rising
2.3
2.4
2.5
V
Hysteresis
280
mV
Input Over Voltage Lockout
Threshold
VOVLO
VIN Rising
6.2
V
Input Over Voltage Lockout
Hysteresis
Hysteresis
400
mV
Feedback Voltage
VFB
VFB=0.6V
0.5880 0.6000 0.6120 V
Feedback Bias Current
IFB
VFB=0.65V
-30
-
+30 nA
Quiescent Current
ICC
VFB=1V
-
30
-
uA
Shutdown Supply Current
ISD
VEN =0V
-
0.1
1
uA
Switching Current Limit
ILIMIT
VIN=5V
1.7
-
A
Line Regulation
△VOUT/VOUTVIN=2.5V~5.5V - 0.04 0.4 %/V
Load Regulation
△VOUT/VOUTIOUT=0.01to1.2A - 0.5 0.6 %
Oscillation Frequency
FOSC
SW pin
1.2
1.4
1.6 MHz
R
DS(ON) of P-CH MOSFET
RDSON
IOUT=1.0A
-
0.26 0.33
Ω
R
DS(ON) of N-CH MOSFET
RDSON
IOUT=1.0A
-
0.20 0.30
Ω
Efficiency
EFFI
VIN=5V, VOUT=3.3V,
IOUT=0.5A
92
-
-
%
EN pin logic input threshold
voltage
VENL
-
-
0.4
V
VENH
1.0
-
-
EN Internal Pull Down Resistor
REN
700 1000 1300 kΩ
Soft-Start Interval
TSS
-
1.0
-
ms
Thermal Shutdown
TSD
160
°C
Thermal Shutdown Hysteresis
TSH
30
°C
Output Discharging Resistor
RDISC
50
Ω
Note 1: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.
Note 2: VIN (Min.) > VOUT (Max.) + IO (Max.) ˙ (P-CH MOSFET RDS(ON)+LDCR)
4/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.6 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com