Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3702ACA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3702ACA
Description  1.5MHz, 2A, VFB=0.6V Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702ACA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3702ACA Datasheet HTML 1Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 2Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 3Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 4Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 5Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 6Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 7Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 8Page - AXElite technology co. ltd AX3702ACA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AX3702
BLOCK DIAGRAM
Bandgap
0.6V
FB
PWM
HSON
LSON
SW
GND
M1
REFSS
Modulation
Ramp
Control
Logic
REFSS
Constant
On-time
ON
VIN
SW
IN
SW
M2
OVLD
ILIMT
Current
Limit
&
Over-load
Detection
EA
EN
IN
SoftStart
PIN ASSIGNMENT
The packages of AX3702 are SOT-23-5L, SOT-23-6L, TDFN-10L (3*3), and SOP-8L-EP the
pin assignment is given by:
TDFN-10L (3*3)
EN
SW
1
FB
10
2
3
4
5
6
7
8
9
PVIN
NC
NC
SGND
SW
PGND
PGND
AX3702
(GND)
( Top View )
1
2
3
4
8
7
6
5
EN
NC
SOP-8L-EP
SGND
PVIN
PGND
SW
FB
NC
(Top View)
EN
GND
SW
VIN
FB
1
2
3
4
SOT-23-5L
5
SOT-23-5L(A-Type)
(Top View)
EN
GND
SW
VIN
FB
1
2
3
4
5
SOT-23-6L
6
GND
SOT-23-6L
2/22
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.4 Sep.30, 2021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com