Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3704 Datasheet(PDF) 15 Page - AXElite technology co. ltd

Part # AX3704
Description  5V Input 4A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3704 Datasheet(HTML) 15 Page - AXElite technology co. ltd

Back Button AX3704 Datasheet HTML 8Page - AXElite technology co. ltd AX3704 Datasheet HTML 9Page - AXElite technology co. ltd AX3704 Datasheet HTML 10Page - AXElite technology co. ltd AX3704 Datasheet HTML 11Page - AXElite technology co. ltd AX3704 Datasheet HTML 12Page - AXElite technology co. ltd AX3704 Datasheet HTML 13Page - AXElite technology co. ltd AX3704 Datasheet HTML 14Page - AXElite technology co. ltd AX3704 Datasheet HTML 15Page - AXElite technology co. ltd AX3704 Datasheet HTML 16Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3704
PACKAGE OUTLINES
DFN3x3_10L Outline Dimensions, Unit: inches/mm
SYMBOLS
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.70
0.80
0.028
0.031
A1
0.00
0.05
0.000
0.002
b
0.18
0.30
0.007
0.012
D
2.90
3.10
0.114
0.122
D1
2.10
2.60
0.083
0.102
E
2.90
3.10
0.114
0.122
E1
1.35
1.75
0.053
0.069
e
0.50
0.020
L
0.30
0.50
0.012
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com