Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3702BA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX3702BA
Description  5V Input 2.5A/3A 1.5MHz Synchronous Step-Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3702BA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX3702BA Datasheet HTML 1Page - AXElite technology co. ltd AX3702BA Datasheet HTML 2Page - AXElite technology co. ltd AX3702BA Datasheet HTML 3Page - AXElite technology co. ltd AX3702BA Datasheet HTML 4Page - AXElite technology co. ltd AX3702BA Datasheet HTML 5Page - AXElite technology co. ltd AX3702BA Datasheet HTML 6Page - AXElite technology co. ltd AX3702BA Datasheet HTML 7Page - AXElite technology co. ltd AX3702BA Datasheet HTML 8Page - AXElite technology co. ltd AX3702BA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.01, 2019
AX3703A
ELECTRICAL CHARACTERISTICS
TA = 25°C, VIN=5V, unless otherwise noted. Typical values are at VIN = VEN = 5V.
Characteristics
Conditions
Min
Typ
Max
Units
Input Voltage Range VIN
2.5
6.0
V
Shutdown Current
VEN = 0V, VIN = 5.5V
0.1
1
µA
Input Under Voltage Lockout
Threshold
VIN Increasing
2.3
2.4
2.5
V
Input Under Voltage Lockout
Hysteresis
280
mV
Quiescent Current IQ
VFB = 0.63V
15
20
µA
Feedback Voltage VFB
588
600
612
mV
Feedback Current IFB
-50
1
+50
nA
HS Switch Current Limit
5
A
HS Main Switch On Resistance
AX3703ACA, VIN=5V
94
mΩ
LS Synchronous Switch On
Resistance
AX3703ACA, VIN=5V
76
mΩ
HS Main Switch On Resistance
AX3703AZ8A, VIN=5V
90
mΩ
LS Synchronous Switch On
Resistance
AX3703AZ8A, VIN=5V
60
mΩ
HS Leakage Current
VIN = 5.5V, VEN = VSW = 0V
0.1
2
µA
LS Leakage Current
VIN = VSW = 5.5V, VEN = 0V
0.1
2
µA
Min Off Time
AX3703ACA
95
ns
Min Off Time
AX3703AZ8A
70
ns
PWM Switching Frequency
IIOUT = 1A
1.5
MHz
PGOOD Output Low Voltage
VFB =0.5V, sink 1mA
0.2
0.3
V
PGOOD Output Leakage Current
VFB = 0.63V , VPGOOD =
VIN = 5.5V
0.01
0.2
µA
PGOOD Under Voltage Rise
Threshold
VFB ramp up from under
voltage
-13
-10
-7
%
PGOOD Under Voltage Fall
Threshold
VFB ramp down from
regulation
-15
%
PGOOD Delay
PGOOD going High to
Low
30
µs
EN On Threshold
VEN ramp up
1.18
1.21
1.24
V
EN Off Threshold
VEN ramp down
1.11
EN Internal Pull Down Resistor
700
1000
1300
kΩ
Thermal Shutdown
160
℃
Thermal Shutdown Hysteresis
30
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com