Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV914X Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV914X Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 12Page - Texas Instruments TLV914X Datasheet HTML 13Page - Texas Instruments TLV914X Datasheet HTML 14Page - Texas Instruments TLV914X Datasheet HTML 15Page - Texas Instruments TLV914X Datasheet HTML 16Page - Texas Instruments TLV914X Datasheet HTML 17Page - Texas Instruments TLV914X Datasheet HTML 18Page - Texas Instruments TLV914X Datasheet HTML 19Page - Texas Instruments TLV914X Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±9V, VCM = VS / 2, RLOAD = 10kΩ (unless otherwise noted)
Time (100 μs/div)
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input
Output
G = –10
Figure 5-37. Overload Recovery (Negative)
Time (200 μs/div)
-8
-6
-4
-2
0
2
4
6
8
Input
Output
G = 1, VS = 5V, VIN = 10mVPP
Figure 5-38. Small-Signal Step Response
Time (200 μs/div)
-8
-6
-4
-2
0
2
4
6
8
Input
Output
G = -1, VS = 5V, VIN = 10mVPP
Figure 5-39. Small-Signal Step Response
Time (200 μs/div)
-8
-6
-4
-2
0
2
4
6
8
Input
Output
G = 1, VS = 18V, VIN = 10mVPP
Figure 5-40. Small-Signal Step Response
Time (200 μs/div)
-8
-6
-4
-2
0
2
4
6
8
Input
Output
G = –1, VS = 18V, VIN = 10mVPP
Figure 5-41. Small-Signal Step Response
Time (200 μs/div)
-3
-2
-1
0
1
2
3
Input
Output
G = 1, VIN = 5VPP
Figure 5-42. Large-Signal Step Response
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com