Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX1008D18A Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX1008D18A
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008D18A Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX1008D18A Datasheet HTML 1Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 2Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 3Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 4Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 5Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 6Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 7Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 8Page - AXElite technology co. ltd AX1008D18A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
PIN ASSIGNMENT
The packages of AX1008 are TO263-2L and TO252-3L; the pin assignment is given by:
3
2
1
Adj
(GND)
TO252-3L
Top View
3
2
1
VIN
VOUT
Adj
(GND)
TO263-2L
Top View
Metal
Tap
VOUT
Metal
Tap
VOUT
VIN
VOUT
Name
Description
Adj
(GND)
Adjustable (Ground only for fixed version)
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
VOUT
The output of the regulator. A minimum of 100uF aluminum electrolytic capacitor
(ESR ≤ 5Ω) or 10uF MLCC must be connected from this pin to ground to insure
stability.
VIN
The input pin of regulator. Typically a large storage capacitor (ESR ≤ 5Ω) is
connected from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin must
always be 1.4V higher than VOUT in order for the device to regulate properly.
ORDER/MARKING INFORMATION
Order Information
AX1008 X XX X
Package
Vout
D : TO252-3L
M : TO263-2L
Blank : Adj
12 = 1.2V
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
Blank : Tube
A : Taping
Top Marking
ADJ Version
Y
1
Logo
ID code : internal
WW : 01~52
Part number
Y W W X
0 0 8
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45 = 2045
AX
Fixed Version
Y
1
Logo
Output Voltage
ID code: internal
WW: 01~52
-
Part number
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Y W W X
V V
0 0 8
12 = 1.2V
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
45 = 2045
:
AX



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com