Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX3071 Datasheet(PDF) 12 Page - AXElite technology co. ltd

Part # AX3071
Description  Wide Input Range CC/CV Step Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3071 Datasheet(HTML) 12 Page - AXElite technology co. ltd

Back Button AX3071 Datasheet HTML 8Page - AXElite technology co. ltd AX3071 Datasheet HTML 9Page - AXElite technology co. ltd AX3071 Datasheet HTML 10Page - AXElite technology co. ltd AX3071 Datasheet HTML 11Page - AXElite technology co. ltd AX3071 Datasheet HTML 12Page - AXElite technology co. ltd AX3071 Datasheet HTML 13Page - AXElite technology co. ltd AX3071 Datasheet HTML 14Page - AXElite technology co. ltd AX3071 Datasheet HTML 15Page - AXElite technology co. ltd AX3071 Datasheet HTML 16Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev1.6 Oct.08, 2019
AX3071
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple.
The output ripple voltage is:
OUT
2
LX
IN
ESR
RIPPLE
OUTMAX
RIPPLE
LC
f
×
28
V
+
R
K
I
=
V
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is the
ESR of the output capacitor, fLX is the switching frequency, L is the inductor value, and COUT
is the output capacitance. In the case of ceramic output capacitors, RESR is very small and
does not contribute to the ripple. Therefore, a lower capacitance value can be used for
ceramic type. In the case of tantalum or electrolytic capacitors, the ripple is dominated by
RESR multiplied by the ripple current. In that case, the output capacitor is chosen to have
sufficiently low ESR.
For ceramic output capacitor, typically choose a capacitance of about 470μF. For
tantalum or electrolytic capacitors, choose a capacitor with less than 50mΩ ESR.
PCB Layout Recommendations
VIN
COMP
FB
SEN2
SEN1
BS
LX
UG
LG
GND
AX3070
AX3071
C1
C4
Q1
Q2
L1
C6
R4
RS1
RS2
optional
R3
R2
C5
R1
C3
C2
C8
VIN
GND
VOUT
SEN1
SEN2
R7
R5
R6
C7
GND
R8
C9
1. PCB trace defined as LX node, which connects to source of switching MOSFET, drain of
rectifying MOSFET and high-voltage side of the inductor, should be as short and wide as
possible.
2. All sensitive analog traces such as SEN1, SEN2, COMP and FB should place away from
high-voltage switching nodes such as LX, UG or LG nodes to avoid coupling.
3. C8 input bypass capacitor should be placed to the VIN pin as close as possible.
4. Connections from the drivers to the respective gate of the high-side or the low-side
MOSFET should be as short as possible to reduce stray inductance. Use a 0.65 mm (25
mils) or wider trace.
5. Gather the ground terminals of the VIN capacitor(s), VOUT capacitor(s), and the source of the
low-side MOSFETs as close as possible. Signal ground and power ground should be
connected strongly together near the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com