Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX1008M Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX1008M
Description  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008M Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX1008M Datasheet HTML 1Page - AXElite technology co. ltd AX1008M Datasheet HTML 2Page - AXElite technology co. ltd AX1008M Datasheet HTML 3Page - AXElite technology co. ltd AX1008M Datasheet HTML 4Page - AXElite technology co. ltd AX1008M Datasheet HTML 5Page - AXElite technology co. ltd AX1008M Datasheet HTML 6Page - AXElite technology co. ltd AX1008M Datasheet HTML 7Page - AXElite technology co. ltd AX1008M Datasheet HTML 8Page - AXElite technology co. ltd AX1008M Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
5A Low Dropout Linear Regulator
GENERAL DESCRIPTION
AX1008 is a low dropout positive adjustable or fixed-mode regulator with minimum of
5.0A output current capability. The product is specifically designed to provide well-regulated
supply for low voltage IC applications such as high-speed bus termination and low current
3.3V logic supply. AX1008 is also well suited for other applications such as VGA cards.
AX1008 is guaranteed to have lower than 1.5V dropout at full load current making it ideal to
provide well-regulated outputs of 1.2V to 5V.
FEATURES
- 1.5V maximum dropout at full load current
- Built-in thermal shutdown
- Output current limiting
- Adjustable and 1.2V/1.5V/1.8V/2.5V/3.3V/5.0V fixed output voltages
- 10uF or greater MLCCs are available for stability
- Fast transient response
- Good noise rejection
- Package: TO252-3L, TO263-2L
- RoHS and Halogen free compliance
BLOCK DIAGRAM
3
Thermal
Shutdown
1
2
VOUT
Adj
1.25V
+
+
CURRENT
LIMIT
VIN
-
+
-
+
1
GND
(FIXED)


Similar Part No. - AX1008M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AX1000 MICROSEMI-AX1000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
AX1000 MICROSEMI-AX1000 Datasheet
13Mb / 262P
Axcelerator Family FPGAs
logo
Actel Corporation
AX1000-1BG896 ACTEL-AX1000-1BG896 Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX1000-1BG896B ACTEL-AX1000-1BG896B Datasheet
2Mb / 226P
Axcelerator Family FPGAs
AX1000-1BG896I ACTEL-AX1000-1BG896I Datasheet
2Mb / 226P
Axcelerator Family FPGAs
More results

Similar Description - AX1008M

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
5A Low Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
5A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com