Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX1007E50SOT89 Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX1007E50SOT89
Description  1A Low Dropout Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1007E50SOT89 Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX1007E50SOT89 Datasheet HTML 9Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 10Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 11Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 12Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 13Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 14Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 15Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 16Page - AXElite technology co. ltd AX1007E50SOT89 Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Sep.05, 2019
AX1007
(2) TO252-3L
b2
E
e
b
e1
H
SEATING PLANE
L
D1
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
-
2.39
0.086
-
0.094
b
0.64
-
0.89
0.025
-
0.035
b2
4.95
-
5.46
0.195
-
0.215
C
0.46
-
0.61
0.018
-
0.024
C1
0.46
-
0.89
0.018
-
0.035
D
5.33
-
6.22
0.21
-
0.245
D1
4.57
-
-
0.18
-
-
E
6.35
-
6.73
0.25
-
0.265
e
2.29 BSC
0.090 BSC.
e1
4.58 BSC
0.180 BSC.
H
9.4
-
10.4
0.37
-
0.41
L
1.4
1.52
1.78
0.055
0.06
0.07
L1
-
-
1.02
-
-
0.04
L2
0.89
-
2.03
0.035
-
0.08
Mold flash shall not exceed 0.005inch per side
JEDEC outline: TO-252 AA / AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com