Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSWITCH_D10_MMT_SERIES Datasheet(PDF) 2 Page - Kontron

Part # KSWITCH_D10_MMT_SERIES
Description  Kontron TSN Ethernet KSwitch D10 MMT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KSWITCH_D10_MMT_SERIES Datasheet(HTML) 2 Page - Kontron

  KSWITCH_D10_MMT_SERIES Datasheet HTML 1Page - Kontron KSWITCH_D10_MMT_SERIES Datasheet HTML 2Page - Kontron KSWITCH_D10_MMT_SERIES Datasheet HTML 3Page - Kontron KSWITCH_D10_MMT_SERIES Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
KSwitch D10 MMT Switch Series
Technical Information
Product Highlights
The Kontron KSwitch D10 MMT series offers cost-effective
web-managed industrial TSN switches with 8 Gigabit Ethernet
ports providing easy to use plug-n-play connectivity. Copper and
fiber optics ports are available. Due to the standard compliance,
the KSwitch D10 MMT series can easily be integrated in factory
production lines, embedded into a machine control system or
applied for any network expansion. It is the perfect solution for
state-of-the-art TSN applications and edge site installation.
NETWORK
OPERATING MODE
Store and forward, full wire-speed/non-blocking Gigabit switchcore
RJ45 COPPER PORTS
SPEED
MDI/MDIX AUTOCROSSOVER
AUTO-NEGOTIATION/DUPLEX
6x 10/100/1000Mbps RJ45 ports + 2x 10/100/1000/2500Mbps
(for copper version)
Support straight or cross wired cables
10/100/1000/2500 Mbps copper speed autonegotiation, full and half duplex
Ultra low latency between ports 1G 5 und 1G 6
FIBER PORTS
PORT TYPES SUPPORTED
OPTIMAL FIBER CABLE
Up to 2x 1000/2500 Mbps SFP Slots
Typical 50 or 62.5/125 μm for multimode (mm)
Typical 8 or 9/125 μm for single mode (sm)
DAC cable support
PROTOCOL & STANDARDS
IEEE 802.1AS, 802.1Qci, 802.1Qav, 802.1Qbv, 802.1Qbu & 802.3br,
802.1CB (FRER), IEEE 802.1D/w, IEEE 802.1Q/p, IEEE 802.1ab,
IEEE 802.1X, 802.3, IEEE 802.3u, IEEE 802.3ab, IEEE 802.3z, IEEE 802.3x,
IEEE 802.3ad LLDP, IPv4/IPv6, SNMP v1/v2c/, TFTP, ARP, RARP, Telnet, Syslog,
Flow Control, Back Pressure, ICMP, UPD, TCP
Time: “IEEE1588-2008”
NETWORK REDUNDANCY
SPANNING TREE PROTOCOL
PORT TRUNK / LACP
RING TOPOLOGIES
IEEE 802.1D/1w/1S, STP/RSTP/MSTP
Static trunk or LACP (Link Aggregation Control Protocol)
G.8032, MRP IEC-62439-2 2016
BRIDGE, VLANS, PROTOCOLS
FLOW CONTROL
MAX VLANS
VLAN TYPES
MULTICAST PROTOCOLS
LLDP
IEEE 802.3x (full duplex) and back-pressure (half duplex)
4095
Port-based VLAN, IEEE 802.1Q tag-based VLAN
IGMP v1, v2, up to 255 multicast groups
IGMP snooping, querying
IEEE 802.1ab LLDP
TRAFFIC MANAGEMENT & QOS
PRIORITY
NUMBER OF QUEUES PER PORT
SCHEDULING SCHEMES
IEEE 802.1p QoS
8
Strict Priority Queuing (SPQ), Deficit-Weighted Round Robin Queuing (DWRR)
SECURITY
PORT SECURITY
STORM CONTROL
IP and MAC-based Access Control/Filter, Auth User / Privilege Level Control,
IEEE802.1X
Multicast / Broadcast / Flooding Storm Control / Port Access Control /
Limiters
MANAGEMENT
USER MANAGEMENT
INTERFACES
MANAGEMENT SECURITY
UPGRADE & RESTORE
DIAGNOSTIC
DHCP
NTP CLIENT
SYSTEM STATUS
GREEN ETHERNET
Web-based management, Command Line Interface
SNMP V1, V2c, Trap, Telnet (5 sessions)
HTTPs, SSH, Access Management, Loop Protection
TFTP/HTTP for Configuration Import / Export
TFTP/HTTP for firmware upgrade
Syslog, Level Info / Warning / Error
Port Mirror, Per VLAN mirroring, CPU Load Monitor, Traffic Counter
ICMP Ping Traceroute
Client Mode, Server Mode, Relay Mode, Snooping
yes
Device info/status; Ethernet port status
Port power savings
POWER
POWER INPUT
INPUT VOLTAGE RANGE
REVERSE POWER PROTECTION
POWER CONSUMPTION
Redundant power input, removable terminal block
12-56 VDC
yes
10 W max.
INDICATORS
POWER STATUS INDICATION
ETHERNET PORT INDICATION
RELAY OUTPUT
Power input status
Link & speed
1 A, 24 V, Normal close
ENVIRONMENTAL &
COMPLIANCE
OPERATING TEMPERATURE
STORAGE TEMPERATURE
HUMIDITY
EMC
SAFETY
ROHS & WEEE
MTBF
PROTECTION
ALTITUDE
-40 °C ~ 70 °C (cold startup at -40 °C)
-40 °C ~ 85 °C
5 ~ 93 % (non-condensing @40 °C)
EN 55032, EN 55035, EN 61000-6-2:2005, EN 61000-6-4, FCC
EN 62368-1; designed to meet UL
RoHS (Pb free), REACH and WEEE compliant
>85000 h @ 30 °C ground benign (according to MIL-HDBK-217)
IP30
3000 m
MECHANICAL
DIMENSION (H x D x W)
WEIGHT
INSTALLATION
140 x 125 x 50 mm
approx. 350 g
DIN-Rail mounting, wall mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com