Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

N3753ABDC12P Datasheet(PDF) 2 Page - DB Lectro Inc

Part # N3753ABDC12P
Description  Suitable for automatic control, household electrical appliances and machinery electrical facilities.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

N3753ABDC12P Datasheet(HTML) 2 Page - DB Lectro Inc

  N3753ABDC12P Datasheet HTML 1Page - DB Lectro Inc N3753ABDC12P Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mounting (Bottom view)
38.1
22.2
1
2
3
4
5
6
7
8
9
38.1
38.1
22.2
1
2
3
4
5
6
7
8
9
9- 2.7
2- 1.8
N375
73.7
54.1
35.6
heavy reverse power
30A/300VAC 28VDC
Optional mounting ways.
Firm structure, strong anti-shock & anti vibration.
Suitable for automatic control, household electrical appliances and machinery electrical facilities.
Features
Ordering Information
N375 3C a DC12V P
1
2
3
4
5
1 Part number
N375
4 Coil rated voltage DC:6,12,24,48,110
2 Contact arrangement
3A:3A
3B:3B
3C:3C
AC: 6,12,24,48,120,208,240
3 Terminal
a: inserting type
b: PCB type
5 Cover F:F mode; P:P mode; TM:TM model
Contact Data
3A (3PSTNO)
3B (3PSTNC)
3C (3PDT (B-M))
Contact Arrangement
Contact Material
AgCdO AgSnO
2
Contact Rating
(Resistive)
Max. Switching Power
Max. Switching Voltage
Max. Resistance or
Voltage drop
50m
Item 3.12 of IEC255-7
5
Electrical
1
10
Item 3.30 of IEC255-7
7
Mechanical
1
10
Item 3.31 of IEC255-7
3A,3B,3C:30A/300VAC,28VDC; 2HP 240VAC , 1HP 120VAC
900W
9000VA
150VDC 380VAC
Max. Switching Current:30A
Pick up
voltage
V(max)
85%of rated
voltage
Release
voltage
V(min)
20%of rated
voltage
COIL
POWER
Operate
Time
ms
Release
Time
ms
Rated
Max.
AC
Coil Parameter
006AC
012AC
024AC
048AC
120AC
208AC
240AC
006-2600
012-2600
024-2600
048-2600
110-2600
6
12
24
48
120
208
240
6
12
24
48
110
6.6
13.2
26.4
52.8
132
229
264
6.6
13.2
26.4
52.8
121
2.4
9.5
35
150
570
3075
3800
14
55
230
900
4900
Operation
life
al
DC
75%o
f rated voltage
10%o
f rated voltage
5.1
10.2
20.4
40.8
102.0
176.8
204.0
4.5
9.0
18.0
36.0
82.5
4.5VA
1.2
2.4
4.8
9.6
24.0
41.6
48.0
0.6
1.2
2.4
4.8
11.0
2.6W
15
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Rated
voltage
V
Coil
resistance
10%
N375
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
Shock resistance
2
100m/s
11ms
Vibration resistance
10~55Hz
double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
8N
IEC68-2-21 Test Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-25~60
Relative Humidity
85% (at 40
)
I EC68-2-3Test Ca
Mass
99g
Item 8 of IEC255-5
Operation condition
50Hz 2200V
50Hz 3750V
Item 6 of IEC255-5
IEC68-2-27 Test Ea
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions
Dimensions
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
4
5
6
7
8
9
1
2
3
7
8
9
1
2
3
4
5
6
7
8
9
3A
3B
3C
mm /inch
0.055
0.032
0.625
0.874
0.874
0.071
0.071
1.500
1.500
0.156
0.250
0.031
0.059
0.090
0.032
2.130max.
1.400
max.
3.160max.
2.750
Max.
Max.
Max.
E160644
C
US
Safety approvals
Safety approval
UL&CUR
Load
30A/300VAC 2HP240VAC 1HP120VAC
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com