Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS700H-L-LP Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS700H-L-LP
Description  Hydrological Services Tipping Bucket Rain Gages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS700H-L-LP Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS700H-L-LP Datasheet HTML 1Page - Campbell Scientific United Kingdom CS700H-L-LP Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Campbell Scientific, Inc. | 815 W 1800 N | Logan, Utah 84321-1784 | (435) 753-2342 | www.campbellsci.com
USA
|
AUSTRALIA
|
BRAZIL
|
CANADA
|
COSTA RICA
|
ENGLAND
|
FRANCE
|
GERMANY
|
SOUTH AFRICA
|
SPAIN
Copyright © 1995, 2011
Campbell Scientific, Inc.
Printed January 2011
Ordering Information
Tipping Bucket Raingages
Recommended cable length is 25 ft, but many customers will order
a 50-ft cable to place the gage away from the tower or tripod.
TB4-L
Tipping bucket with thermoplastic base and 0.01-in.
tips. Enter cable length (in feet) after the -L. Must
choose a cable termination option (see below).
TB4MM-L
Tipping bucket with thermoplastic base and 0.2-mm
tips. Enter cable length (in feet) after the -L. Must
choose a cable termination option (see below).
CS700-L
Tipping bucket with aluminum base and 0.01-in. tips.
Enter cable length (in feet) after the -L. Must choose
a cable termination option (see below).
CS700H-L-LP
Heated tipping bucket with aluminum base and 0.01-in.
tips. Enter signal cable length (in feet) after the -L
and enter the power-cable length after the -LP. Must
choose a power supply option (see below).
Cable Termination Options for
non-heated raingages (choose one)
-PT
Cable terminates in stripped and tinned leads for
direct connection to a datalogger’s terminals.
-PW
Cable terminates in a connector for attachment to
a prewired enclosure.
-CWS
TB4/TB4MM cable terminates in a connector for
attachment to a CWS900 interface. Connection to
a CWS900 interface allows the TB4 or TB4MM to be
used in a wireless sensor network. This option is
only for the TB4 and TB4MM.
Power Supply Options for CS700H (choose one)
-AC
AC used to power the CS700H’s heater. Includes
a Phoenix Contact power supply that provides
dependable power to the CS700H and other
Campbell Scientific components in cold climates.
-DC
User-supplied batteries power the heater. This option
is for remote areas using wind or solar power to
recharge the batteries. Required battery capacity
varies according to site location and application.
Mounting Poles
CM300
23-in. Mounting Pole with Cap
CM305
47-in. Mounting Pole with Cap
CM310
56-in. Mounting Pole with Cap
Pedestal Options for Mounting Poles (choose one)
-NP
No Pedestal Base
-PJ
CM340 Pedestal J-Bolt Kit
-PS
CM350 Pedestal Short Legs (23-in. legs)
-PL
CM355 Pedestal Long Legs (39-in. legs)
Common Accessories
CM240
Leveling Base and Mount for TB4, TB4MM, CS700, or CS700H.
260-953
Novalynx Alter-type Rain Gage Wind Screen
Specifications
Sensor Type:
Tipping bucket with siphon
Accuracy:
better than ±2% @ 19.7-in. hr-1
(500 mm hr-1)
Resolution
TB4/CS700/CS700H:
0.01 in. (0.254 mm)
TB4MM:
0.008 in. (0.2 mm)
Measurement Range
TB4/TB4MM:
0 to 19.7 in. hr-1
(0 to 500 mm hr-1)
CS700/CS700H:
0 to 27.6 in. hr-1
(0 to 700 mm hr-1)
Temperature Range
TB4/TB4MM/CS700:
0° to 70°C
CS700H:
-40° to +70°C
Humidity Range:
0 to 100%
Orifice Diameter:
7.9 in. (20 cm)
Drain Tube Size:
Both filters accept 12 mm
inner diameter tubing
Weight with 25-ft signal cable (two-conductor shielded)
TB4/TB4MM:
4.4 lb. (2 kg)
CS700/CS700H:
7.4 lb. (3.3 kg)
Height
TB4/TB4MM:
13 in. (33 cm)
CS700/CS700H:
13.5 in. (34.2 cm)
Heated Rain Gage
Snow Sensor and Heater
Operating Parameters:
-20° to +5°C
Average Power Generated: 35 W (150 W during initial
minute warm up)
Voltage Requirements
Main Power:
10 Vdc to 30 Vdc or 12 Vac to 28 Vac
SDI-12 Power:
9.6 Vdc to 16 Vdc (SDI-12 standard)
SDI-12 Interface:
optically isolated ,1200 baud,
7 bits, even parity
Power Generated and Current Requirements*
Voltage:
12 Vdc
Average Wattage:
45 W; 70 W when heater is on
Average Ampere:
3.7 A (
~65% duty cycle);
5.8 A when the heater is on
Phoenix Contact Power Supply (CS700H-AC only)**
Model Name:
Quint-PS/1AC/24DC/10
AC Input Voltage Range:
85 Vac to 264 Vac
Power Consumption
120 Vac:
~2.77 A
230 Vac:
~1.24 A
Protective Circuitry:
Transient Surge Protection Varistor
Integrated Input Fuse:
6.3 A (slow blow, internal)
Normal Output Voltage:
24 Vdc ±1%
*If you assume four 10-hr snow storms in a week, then the average weekly energy consumption is 4 x 10 x 45 W = 1800 Whr/week; the average
amp hours over one week are 4 x 10 x 3.7 A = 150 Ahrs; and the amps averaged over a week are 150 Ahrs / (24 x 7) = 0.9 A.
**Additional specifications are provided in Phoenix Contact’s manual for the Quint-PS/1AC/24DC/10.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com