Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6613 Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX6613
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613 Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX6613 Datasheet HTML 4Page - AXElite technology co. ltd AX6613 Datasheet HTML 5Page - AXElite technology co. ltd AX6613 Datasheet HTML 6Page - AXElite technology co. ltd AX6613 Datasheet HTML 7Page - AXElite technology co. ltd AX6613 Datasheet HTML 8Page - AXElite technology co. ltd AX6613 Datasheet HTML 9Page - AXElite technology co. ltd AX6613 Datasheet HTML 10Page - AXElite technology co. ltd AX6613 Datasheet HTML 11Page - AXElite technology co. ltd AX6613 Datasheet HTML 12Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
Under-Voltage Protection (UVP)
The AX6613 monitors the voltage on FB pin after soft-start process is finished.
Therefore the UVP is disabling during soft-start. When the voltage on FB pin falls below the
under-voltage threshold, the UVP circuit shuts off the output immediately. After a while, the
AX6613 starts a new soft-start to regulate output.
Thermal Shutdown
A thermal shutdown circuit limits the junction temperature of AX6613. When the
junction temperature exceeds +150°C, a thermal sensor turns off the output NMOS,
allowing the device to cool down. The regulator regulates the output again through
initiation of a new soft-start cycle after the junction temperature cools by 40°C, resulting in
a pulsed output during continuous thermal overload conditions. The thermal shutdown
designed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com