Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6604PCA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX6604PCA
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604PCA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX6604PCA Datasheet HTML 3Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 4Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 5Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 6Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 7Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 8Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 9Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 10Page - AXElite technology co. ltd AX6604PCA Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
TYPICAL CHARACTERISTICS
���
Output Current vs. Output Voltage
Vout=2.8V
2.7
2.72
2.74
2.76
2.78
2.8
2.82
2.84
2.86
2.88
2.9
0
50
100
150
200
Output Current (mA)
Output Current vs. Output Voltage
Vout=1.8V
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
0
50
100
150
200
Output Current (mA)
Vcc vs. Output Voltage
Vout=1.8V
1.78
1.788
1.796
1.804
1.812
1.82
2.5
3.3
4
4.5
5
5.5
6
Vcc (V)
Vcc vs. Output Voltage
Vout=2.8V
2.76
2.776
2.792
2.808
2.824
2.84
3.3
4
4.5
5
5.5
6
Vcc (V)
Temperature vs. Quiescent Current
Vcc=5V
0
30
60
90
120
150
-40
-20
0
25
50
85
105
125
Temperature (℃)
Channel 2
Channel 1
IOUT1,2=0A
Temperature vs. Standby Current
Vcc=5V
0
0.4
0.8
1.2
1.6
2
-40
-20
0
25
50
85
105
125
Temperature (℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com