Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6613ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX6613ES
Description  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX6613ES Datasheet HTML 1Page - AXElite technology co. ltd AX6613ES Datasheet HTML 2Page - AXElite technology co. ltd AX6613ES Datasheet HTML 3Page - AXElite technology co. ltd AX6613ES Datasheet HTML 4Page - AXElite technology co. ltd AX6613ES Datasheet HTML 5Page - AXElite technology co. ltd AX6613ES Datasheet HTML 6Page - AXElite technology co. ltd AX6613ES Datasheet HTML 7Page - AXElite technology co. ltd AX6613ES Datasheet HTML 8Page - AXElite technology co. ltd AX6613ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
BLOCK DIAGRAM
-
+
VIN
VOUT
GND
Error
Amp
EN
VCNTL
Soft-Start
And
Control Logic
Power -ON
Reset
Current
Limit
Enable
Thermal
Shutdown
Bandgap
FB
POK
Delay
POK
-
+
UV
0.4V
90%
Vref
N-MOSFET
90
PIN ASSIGNMENT
The packages of AX6613 are SOP-8L-EP, SOT-23-6L and TDFN-8L; the pin assignment is
given by:
( Top View)
1
2
3
4
8
7
6
5
NC
VOUT
SOP-8L-EP
AX5913
GND
FB
EN
POK
VIN
VCNTL
GND
( Top View)
EN
VIN VCNTL
VOUT
GND
1
2
3
4
5
SOT-23-6L
6
FB
TDFN-8L (2*2)
VOUT
POK
VIN
1
2
3
4
5
6
EN
NC
FB
(TOP VIEW)
7
8
VCNTL
GND
GND
Name
Description
GND
GND pin
FB
Feedback pin
VOUT
IC power supply pin
EN
Internal Pull High.
EN=high or Floating  Enable
EN=Low  Shutdown mode
POK
Power OK Output Pin
VCNTL CNTL Pin Input Voltage
VIN
Input Voltage
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com