Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6618ESA Datasheet(PDF) 12 Page - AXElite technology co. ltd

Part # AX6618ESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6618ESA Datasheet(HTML) 12 Page - AXElite technology co. ltd

Back Button AX6618ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 9Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 10Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 11Page - AXElite technology co. ltd AX6618ESA Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.0 Nov.21 2011
AX6618
(2) TDFN-10L (3*3 0.75mm)
E
D
A
A1
A3
D2
e
E2
L
(Top View)
(Bottom View)
b
Pin1
SEATING PLANE
(SIDE View)
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
0.20 REF.
0.008 REF.
b
0.18
0.25
0.30
0.007
0.010
0.012
D
2.90
3.00
3.10
0.114
0.118
0.122
D2
2.20
2.40
2.50
0.087
0.094
0.098
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.60
1.70
0.059
0.063
0.070
e
0.50 BSC.
0.020 BSC.
L
0.30
0.40
0.50
0.012
0.016
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com