Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6646 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX6646
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX6646 Datasheet HTML 1Page - AXElite technology co. ltd AX6646 Datasheet HTML 2Page - AXElite technology co. ltd AX6646 Datasheet HTML 3Page - AXElite technology co. ltd AX6646 Datasheet HTML 4Page - AXElite technology co. ltd AX6646 Datasheet HTML 5Page - AXElite technology co. ltd AX6646 Datasheet HTML 6Page - AXElite technology co. ltd AX6646 Datasheet HTML 7Page - AXElite technology co. ltd AX6646 Datasheet HTML 8Page - AXElite technology co. ltd AX6646 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
PIN ASSIGNMENT
The package of AX6646/A is SOT23-5L; the pin assignment is given by:
(Top View)
SOT-23-5L
3
2
5
4
1
VIN
GND
EN
FB
VOUT
Name
Description
VIN
Input voltage
GND
Ground
EN
Active-Low Shutdown Input. A logic
low reduces the supply current to less
than 1µA. Connect to VIN or Floating
for normal operation.
FB
Feedback Input for Setting the Output
Voltage. Connect to an external
resistor divider for adjustable output
operation.
VOUT Regulator Output Voltage. Adjustable
from 0.8V to +5.5V.
(Top View)
SOT-23-5L
3
2
5
4
1
EN
GND
VIN
VOUT
FB
(A Type)
ORDER/MARKING INFORMATION
Order Information
AX6646
X X
B : SOT-23-5L
Package
Packing
Blank:Bulk
A : Taping
X
Pin Type
Blank:
A: A Type
Top Marking
Top Marking (A Type)
L
AX6646
WW:01~26 (A~Z)
27~52 (a~z)
ID code:internal
8Y WX
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044
L
AX6646A
WW:01~26 (A~Z)
27~52 (a~z)
ID code:internal
9Y WX
Year: 8=2018
9=2019
B=2020
C=2021
D=2022
:
Z=2044



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com