Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3689 Datasheet(PDF) 1 Page - ams AG

Part # AS3689
Description  Flexible Lighting Management (Charge Pump, DCDC Step Up, CurrentSink, ADC, LDO)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3689 Datasheet(HTML) 1 Page - ams AG

  AS3689 Datasheet HTML 1Page - ams AG AS3689 Datasheet HTML 2Page - ams AG AS3689 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3689
austriami crosyst ems
Preliminary Product Brief, Confidential
www.austriamicrosystems.com (ptr)
Revision 1.0 / 20051205
1 - 3
1
General Description
The AS3689 is a highly-integrated CMOS Power
and Lighting Management Unit to supply power to
LCD-and cameramodules in mobile telephones, and
other 1-cell Li+ or 3-cell NiMH powered devices.
The AS3689 incorporates one low-power, low-
dropout regulator (LDO), one Step Up DC/DC
Converter for white backlight LEDs, one high-power
Charge Pump for camera flash LEDs, one Analog-
to-Digital Converter, support for up to 11 current
sinks, a two wire serial interface, and control logic
all onto a single device. Output voltages and output
currents are fully programmable.
The
AS3689
is
a
successor
to
the
austrimicrosystems AS3681 with several additional
features (Charge Pump Automatic Up Switching,
Extended timer features, autonomous logarithmic
and linear PWM dimming, LED pattern generator,
DCDC step up overvoltage protection, improved
Charge Pump and a fourth high current sink).
2
Key Features
High-Efficiency Step Up DC/DC Converter
Up to 25V/50mA for White LEDs
Programmable Output Voltage with
External Resistors and Serial Interface
Overvoltage Protection
0.1Ohm
Shunt Resistor
High-Efficiency High-Power Charge Pump
1:1, 1:1.5, and 1:2 Mode
Automatic Up Switching (can be disabled
and 1:2 mode can be blocked)
Output Current up to 400mA
Efficiency up to 95%
Very Low effective Resistance
(0.5Ω typ.
1Ω max. in 1:1 mode, 1.8typ. in 1:1.5)
Only 4 External Capacitors Required:
2 x 1µF Flying Capacitors, 2 x 2.2µF
Input/Output Capacitors
Supports LCD White Backlight LEDs,
Camera Flash White LEDs, and Keypad
Backlight LEDs
Supports up to 15 Current Sinks
Four
Programmable (6-Bit) from: 0.6mA to
37.8mA
Two Programmable (8-bit) from: 0.15mA to
38.5mA
Three High Voltage Programmable (8-bit)
from: 0.15mA to 38.5mA (Keyboard LEDs)
Six Programmable (8-bit) from: 0.15mA to
38.5mA
(2 RGB LEDs)
Programmable Hardware Control (Strobe,
and Preview
or PWM)
Selectively Enable/Disable Current Sinks
Internal PWM Generation
8 Bit resolution
Logarithmic up/down dimming
Led Pattern Generator
Autonomous driving for Fun RGB LEDs
10-bit Successive Approximation ADC
27µs Conversion Time
Selectable Inputs: GPIO, GPI, all current
sources, VBAT, CP_OUT, DCDC_FB
Internal Temp. Measurement
Light Sensor, inluding a adjustable current
source (0-15uA) to V2_5
Support for automatic LED testing (open and
shorted LEDs can be identified)
Support for external Temperature Sensor for
high current LED protection (CURR3x)
Strobe Timeout protection
Up to 1600ms
Three different timing modes
2
General Purpose Inputs/Outputs
GPIO Input/Output, GPI only Input
Digital Input, Digital Output, and Tristate
Programmable Pull-Up, and Pull-Down
GPI
can be used as Flash Strobe
GPIO can be used for Preview Mode
GPIO can be used as PWM input
Negative or High-Voltage Charge Pump
Regulated Output Voltage, Programmable
by Dual Resistors e.g. -6V, 10mA for
OLED or ±15V, 5mA for TFT
±5% Accuracy
Programmable LDO (shared with RGB3)
1.85 to 3.4V, 150mA
Programmable via Serial Interface
Standby LDO always on
Regulated 2.5V max. output 10mA
3µA Quiescent Current
Wide Battery Supply Range: 3.0 to 5.5V
Two Wire Serial Interface Control
Overcurrent and Thermal Protection
Package: CSP 3 x 3 mm
3 Application
Power- and lighting-management for mobile
telephones and other 1-cell Li+ or 3-cell NiMH
powered devices.
Preliminary Product Brief, Confidential
AS3689
Flexible Lighting Management (Charge Pump, DCDC Step Up, Current
Sink, ADC, LDO)


Similar Part No. - AS3689

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3689 AMSOSRAM-AS3689 Datasheet
1Mb / 72P
Flexible Lighting Management
20070115
More results

Similar Description - AS3689

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
Step-Up Charge Pump ICs
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
ams AG
AS3688 AMSCO-AS3688 Datasheet
175Kb / 3P
Flexible Lighting Management (Charge Pump, DCDC Step Up, CurrentSink, ADC, LDO)
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
Regulated Voltage Step-Up Charge Pump ICs
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3677 AMSCO-AS3677 Datasheet
4Mb / 68P
Triple Channel Lighting Management Unit with DCDC step/up, ALS, 2xDLS(=DBC) and RGB Driver
AS3687 AMSCO-AS3687 Datasheet
2Mb / 55P
Flexible Lighting Management
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com