Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6901GA Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX6901GA
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6901GA Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX6901GA Datasheet HTML 1Page - AXElite technology co. ltd AX6901GA Datasheet HTML 2Page - AXElite technology co. ltd AX6901GA Datasheet HTML 3Page - AXElite technology co. ltd AX6901GA Datasheet HTML 4Page - AXElite technology co. ltd AX6901GA Datasheet HTML 5Page - AXElite technology co. ltd AX6901GA Datasheet HTML 6Page - AXElite technology co. ltd AX6901GA Datasheet HTML 7Page - AXElite technology co. ltd AX6901GA Datasheet HTML 8Page - AXElite technology co. ltd AX6901GA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Mar. 21, 2011
AX6901/2/3/4
APPLICATION CIRCUIT
AX690X
GND
RESET
(RESET)
VCC
Microprocessor
VCC
GND
RESET
INPUT
VCC
FUNCTION DESCRIPTIONS
A microprocessor’s (µP’s) reset input starts the µP in a known state. The
AX6901/2/3/4 asserts reset to prevent code-execution errors during power-up, power-down,
or brownout conditions. They assert a reset signal whenever the VCC supply voltage
declines below a preset threshold, keeping it asserted for at least 200ms after VCC has
risen above the reset threshold. The AX6901/2/3/4 has a push-pull output stage.
APPLICATION INFORMATION
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up, power-down, and brownout
conditions, the AX6901/2/3/4 is relatively immune to short-duration negative-going VCC
transients (glitches).
The AX6901/2/3/4 does not generate a reset pulse. The graph was generated using a
negative going pulse applied to VCC, starting 0.5V above the actual reset threshold and
ending below it by the magnitude indicated (reset comparator overdrive). The graph
indicates the maximum pulse width a negative going VCC transient can have without
causing a reset pulse. As the magnitude of the transient increases (goes farther below the
reset threshold), the maximum allowable pulse width decreases. Typically, a VCC transient
that goes 50mV below the reset threshold A 0.1µF bypass capacitor mounted as close as
possible to the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com