Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX6902GA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6902GA
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6902GA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6902GA Datasheet HTML 1Page - AXElite technology co. ltd AX6902GA Datasheet HTML 2Page - AXElite technology co. ltd AX6902GA Datasheet HTML 3Page - AXElite technology co. ltd AX6902GA Datasheet HTML 4Page - AXElite technology co. ltd AX6902GA Datasheet HTML 5Page - AXElite technology co. ltd AX6902GA Datasheet HTML 6Page - AXElite technology co. ltd AX6902GA Datasheet HTML 7Page - AXElite technology co. ltd AX6902GA Datasheet HTML 8Page - AXElite technology co. ltd AX6902GA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Mar. 21, 2011
AX6901/2/3/4
ABSOLUTE MAXIMUM RATUNGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
GND - 0.3 to GND + 6.5
V
RESET, RESET (push-pull) Pin Voltage
VRESET
GND - 0.3 to VCC + 0.3
V
Input Current, VCC
ICC
20
mA
Output Current, RESET, RESET
IO
5
mA
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Storage Temperature Range
TST
-60 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +150
°C
Thermal Resistance from Junction to case
θJC
110
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to VSS
pin.
ELECTRICAL CHARACTERISTICS TA=25 °C (unless otherwise noted)
Characteristics
Symbol
Conditions
Min Typ Max Units
Operating VCC Range
VRange
1.0
-
6
V
Supply Current
ICC
VCC = VTH+1.0V
-
25
35
μA
Reset Threshold
TA=25°C
VTH
AX6901/2/3/4A
4.54 4.63 4.71
V
AX6901/2/3/4B
4.29 4.38 4.46
AX6901/2/3/4I
4.16 4.25 4.33
AX6901/2/3/4C
3.92 4.00 4.08
AX6901/2/3/4D
3.02 3.08 3.15
AX6901/2/3/4E
2.87 2.93 3.00
AX6901/2/3/4H
2.64 2.70 2.75
AX6901/2/3/4F
2.57 2.63 2.69
AX6901/2/3/4G
2.20 2.25 2.30
Reset Threshold
Tempco
VTHT T
A = 0°C to +85°C
-
50
-
ppm/°C
Set-up Time
TS
VCC = 0 to (VTH – 100mV)
1
-
-
μs
VCC to Reset Delay
TRD VCC=VTH to (VTH-100mV)
-
20
-
μs
Reset Active Timeout
Period
TDELAY TA = 0°C to +85°C
160
200 260
ms
T
RESE
Output Voltage
(AX6901/3)
VOL
1.8V<VCC < VTH(min),
ISINK = 1.2mA
-
-
0.3
V
1.2V < VCC < 1.8V, ISINK = 50uA
VOH VCC > VTH (max), ISOURCE = 500uA, 0.8VCC -
-
V
RESET
Output Voltage
(AX6902/4)
VOL VCC > VTH (max), ISINK = 1.2mA,
-
-
0.3
V
VOH
1.8V < VCC < VTH (min),
ISOURCE = 500uA
0.8
VCC
-
-
V
1.2V < VCC < 1.8V,
ISOURCE = 150uA
Hysteresis at VCC
VHys Input voltage
-
40
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com