Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

51018-0432-R2-2 Datasheet(PDF) 3 Page - Kontron

Part # 51018-0432-R2-2
Description  SMARC® 2.1 module based on Intel® x7000E, x7000RE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51018-0432-R2-2 Datasheet(HTML) 3 Page - Kontron

  51018-0432-R2-2 Datasheet HTML 1Page - Kontron 51018-0432-R2-2 Datasheet HTML 2Page - Kontron 51018-0432-R2-2 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMARC-sXAS
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Standard Variants
Carrier
Cooling
ARTICLE
PART NO.
DESCRIPTION
SMARC Evaluation Carrier 2.1
51301-0000-00-0
SMARC Evaluation Carrier for SMARC modules according to the
SMARC 2.1 standard (without SMARC module)
ARTICLE
PART NO.
DESCRIPTION
SMARC-sXAS E2 x7211RE
4G/32G
51018-0432-R1-2
SMARC with Intel Atom® x7211RE, 2 core, 1.0GHz,
4GB LPDDR5 memory down, 32GB eMMC TLC, industrial temperature
SMARC-sXAS E2 x7213RE
4G/32G
51018-0432-R2-2
SMARC with Intel Atom® x7213RE, 2 core, 2.0GHz,
4GB LPDDR5 memory down, 32GB eMMC TLC, industrial temperature
SMARC-sXAS E2 x7433RE
4G/32G
51018-0432-R2-4
SMARC with Intel Atom® x7433RE, 4 core, 1.5GHz,
4GB LPDDR5 memory down, 32GB eMMC TLC, industrial temperature
SMARC-sXAS E2 x7835RE
8G/32G
51018-0832-R2-8
SMARC with Intel Atom®x67835RE, 8 core, 1.3GHz,
8GB LPDDR5 memory down, 32GB eMMC TLC, industrial temperature
ARTICLE
PART NO.
DESCRIPTION
HSP SMARC-sXAS
51018-0000-99-1
Heatspreader for SMARC-sXAS
PRELIMINAR
Y



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com