Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

51018-0432-R2-4 Datasheet(PDF) 1 Page - Kontron

Part # 51018-0432-R2-4
Description  SMARC® 2.1 module based on Intel® x7000E, x7000RE Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

51018-0432-R2-4 Datasheet(HTML) 1 Page - Kontron

  51018-0432-R2-4 Datasheet HTML 1Page - Kontron 51018-0432-R2-4 Datasheet HTML 2Page - Kontron 51018-0432-R2-4 Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMARC® 2.1 module based on Intel® x7000E, x7000RE Series
* Up to 16 GByte LPDDR5 memory down with inband ECC support
* Dual LVDS, HDMI, DP++
* 1x USB 3.2, 6x USB 2.0, eMMC onboard
* Industrial grade temperature
SMARC-sXAS
COMING
SOON


Similar Part No. - 51018-0432-R2-4

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
510184 PCTEL-510184 Datasheet
195Kb / 1P
406 – 440 MHz
More results

Similar Description - 51018-0432-R2-4

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-5620 ADVANTECH-ROM-5620 Datasheet
3Mb / 4P
NXP i.MX8X Cortex®-A35 SMARC 2.0/2.1 Computer-on-Module
16-Jun-2022
ROM-5720 ADVANTECH-ROM-5720 Datasheet
3Mb / 4P
NXP i.MX8M Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5721 ADVANTECH-ROM-5721 Datasheet
2Mb / 4P
NXP i.MX8M Mini Cortex®-A53 SMARC 2.0/2.1 Computer-on-Module
7-Jul-2022
ROM-5722 ADVANTECH-ROM-5722 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 SMARC 2.1 Computer-on-Module
16-Aug-2022
ROM-5780 ADVANTECH-ROM-5780 Datasheet
3Mb / 5P
Rockchip RK3399 Cortex®-A72A53 SMARC 2.1 Computer-on-Module
7-Jul-2021
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
SKY-8101 ADVANTECH-SKY-8101 Datasheet
674Kb / 2P
Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
SKY-8211 ADVANTECH-SKY-8211 Datasheet
1Mb / 2P
2U High Performance Edge Server based on Intel® Xeon® Processor Scalable Family
4-Oct-2018
logo
AAEON Technology
AIOT-ILRA01 AAEON-AIOT-ILRA01 Datasheet
426Kb / 2P
LoRa® Certified Intel® Based Gateway and Network Server
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com