Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VX305H-40G-RCCGF05013Q Datasheet(PDF) 2 Page - Kontron

Part # VX305H-40G-RCCGF05013Q
Description  High-performance Xeon® Processor VPX SBC featuring 40 Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

VX305H-40G-RCCGF05013Q Datasheet(HTML) 2 Page - Kontron

  VX305H-40G-RCCGF05013Q Datasheet HTML 1Page - Kontron VX305H-40G-RCCGF05013Q Datasheet HTML 2Page - Kontron VX305H-40G-RCCGF05013Q Datasheet HTML 3Page - Kontron VX305H-40G-RCCGF05013Q Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
/ / 2
www.kontron.com
VX305H-40G
Server-Class Power for High-Performance Computing
Featuring the 12 core version of the Intel® Xeon® D processor
family (formerly Broadwell-DE) and developed in alignment with
the SOSA™ technical standard, the VX305H-40G is a compute
intensive SBC compliant with the VITA 65 (OpenVPX) slot profile
SLT3-PAY-1F1U1S1S1U1U2F1H-14.6.11-n. The VX305H-40G combines
server-class processing with a 40 Gigabit Ethernet Data Plane and
an extra-wide 8-lane PCI Express® Gen3 Expansion Plane. The
VX305H-40G also features an XMC site for non-volatile storage or
other expansion options not requiring rear-panel I/O. The result is
a powerful, flexible, single board computing platform suitable for a
wide range of embedded applications.
Ideal for Virtual Machines and HPEC Applications
At the silicon level, the Xeon® D platform server heritage allows for
advanced applications such as virtual machines and software
containers.
It
can
run
diverse
software workloads which
dynamically share common resources or strictly bind to pre-
defined resource usage profiles. Application can easily adapt to
hardware evolution such as CPU count, memory, I/O availability, or
even form-factor. Virtualization and container technologies
enabled by the Xeon D processor transform embedded solutions
into a future-proof solution, preserving investment into an
application code base.
Typical demanding applications include:
 Radar, sonar, and other sensor processing applications
 Imaging systems
 Airborne fighter and UAV radar
 Long term programs in harsh environments
Long Term Programs: High reliability, low TCO
Kontron provides a robust program to increase reliability and to
lower Total-Cost-of-Ownership (TCO) for VX305H-40G. Intel silicon
reliability is 10 years, but Kontron offers a Long Term Supply service
(LTS) for over 15 years. A comprehensive Health Management
program is optionally available to support easy multi-year field
maintenance. All this makes the VX305H-40G the ideal candidate
for long term programs, and brings server class applications into
the battlefield for many years to come.
VITA 46.11 Health Management
The VX305H-40G features a VITA 46.11 compatible Intelligent
Platform Management Controller (IPMC) for centralized system
health management. Supporting Tier-1 and -2 commands (and
more), the Kontron-designed IPMC (both hardware and firmware),
along with a comprehensive and flexible Power-On Built-In Test
(PBIT) package brings a new level of system health and
management capabilities to rugged deployed systems thanks to
an innovative “Reference Learn” approach.
VITA 48-REDI Conduction-cooled Versions
The high-performance VX305H-40G server blade is available as
Conduction-Cooled Plug-in units according to VITA 48.2 Type 2,
Secondary Side Retainer, which enables the VX305H-40G to
sustain 70°C card edge temperature according to VITA 47 depending
on the processing load and XMC support. The VX305H-40G is also
available with a VITA 48 Ruggedized Enhanced Design Implemen-
tation (REDI) Two-Level Maintenance bottom cover option. A
lab-grade air-cooled version is also available.
Kontron VPX Ecosystem
VX305H-40G boards are compatible with all Kontron 3U VPX and
6U VPX building blocks (payload boards, carriers, switches,
backplanes, OS, and drivers). For instance, OpenVPX 3U Rugged
Ethernet Switch features 24x 10 Gbps channels which can be
bound into 40 Gigabit Ethernet links, providing Layer 2 and Layer 3
switching/routing functions. The VX3920 is available both in
Forced Air-Cooled and Rugged Conduction-Cooled versions.
VITA 65 (OPENVPX) SLT3-PAY-1F1U1S1S1U1U2F1H-14.6.11 SLOT PROFILE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com