Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5352 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5352
Description  Silicon NPN Triple Diffused Type Switching Regulator and High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5352 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5352 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5352 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5352 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5352 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5352
2006-11-10
3
Collector-emitter voltage VCE (V)
IC – VCE
hFE – IC
Collector current IC (A)
Collector current IC (A)
VBE (sat) – IC
VCE (sat) – IC
Collector current IC (A)
Base-emitter voltage VBE (V)
IC – VBE
Collector-emitter voltage VCE (V)
Safe Operating Area
10
6
4
2
0
8
4
6
8
2
0
10
IB = 0.05 A
Common emitter
Tc = 25°C
0.4
1.2
0.6
0.8
0.2
0.1
1.0
Common emitter
VCE = 5 V
Tc = 100°C
25
20
16
8
4
0
0.5
1
0
1.5
−55
12
30
3
1
10
0.1
100
30
Tc = 100°C
−55
25
Common emitter
VCE = 5 V
1
5
10
50
3
5
0.3 0.5
5
0.1
1
0.3
Common emitter
IC/IB = 8
0.1
10
3
Tc = 100°C
−55
25
5
1
0.3
3
0.5
0.5
10
5
0.1
1
0.3
Common emitter
IC/IB = 8
0.1
10
3
Tc = 100°C
−55
25
5
1
0.3
3
0.5
0.5
10
0.01
1
3
1000
3
30
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max
(continuous)
IC max (pulsed)*
VCEO max
DC operation
Tc = 25°C
1 ms*
10 ms*
100 ms*
1
0.3
0.1
0.03
10
30
100
300
100 μs*
10 μs*
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com