Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIT-FMC-DEV Datasheet(PDF) 3 Page - Kontron

Part # KIT-FMC-DEV
Description  3U VPX XILINX® VIRTEX®-5 FPGA PROCESSOR BOARD WITH FMC SITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

KIT-FMC-DEV Datasheet(HTML) 3 Page - Kontron

  KIT-FMC-DEV Datasheet HTML 1Page - Kontron KIT-FMC-DEV Datasheet HTML 2Page - Kontron KIT-FMC-DEV Datasheet HTML 3Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
/ / 3
www.kontron.com
EUROPE, MIDDLE EAST
& AFRICA
Lise-Meitner-Str. 3-5
86156 Augsburg
Germany
Tel.: + 49 821 4086 0
Fax: + 49 821 4086 111
info@kontron.com
CORPORATE OFFICES
ASIA PACIFIC
1~2F, 10 Building, No. 8 Liangshuihe 2nd Street,
Economical & Technological Development Zone,
Beijing, 100176, P.R.China
Tel.: +86 10 63751188
Fax: +86 10 83682438
info@kontron.cn
NORTH AMERICA
9477 Waples Street
San Diego, CA 92121
USA
Tel.: + 1 888 294 4558
Fax: + 1 858 677 0898
info@us.kontron.com
ORDERING INFORMATION
ARTICLE
PART NO.
DESCRIPTION
VX3830-SA
VX3830-SA-00000*
3U Air-Cooled Commercial Build, FMC carrier, VPX DP1 Data Plane interface,
FMC rear I/O routing on VPX P2, 0.8” board
VX3830-RC
VX3830-RC-0N000*
3U Rugged Conduction-Cooled Build, FMC carrier, VPX DP1 Data Plane
interface,
FMC rear I/O routing on VPX P2, 0.8” board
ASSOCIATED PRODUCTS:
VX3830-RTM
PB-VX3-000
3U VPX Rear Transition Module (with PIM connectors)
KIT-FMC
KIT-FMC-DEV
FMC/VITA 57 Development/test kit. Contains: Linux FPGA/ FMC EEPROM
drivers, FPGA Test Image, User’s Guide, FMC-SER0-SA-000 FMC card,
USB FLASH Drive pre-loaded with Linux Fedora + VITA 57 drivers.
Compatible with VM6250 (with FMC I/O option)
* Preferred variants. For other features combinations (see User's Guide), please contact support-kom-sa@kontron.com.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com