Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS477 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CS477
Description  Radar Water Level Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS477 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CS477 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS477 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Campbell Park, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | wwwcampbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | COSTA RICA | ENGLAND | FRANCE | GERMANY | SOUTH AFRICA | SPAIN |
© 2012
Campbell Scientific
November 6, 2013
Specifications
Ordering Information
Measurement Range (distance from horn to water surface):
CS475: 50 mm to 20 m (2 in. to 65 ft)
CS476: 50 mm to 30 m (2 in. to 98 ft)
CS477: 400 mm to 70 m (16 in. to 229 ft)
Accuracy:
CS475 (50 cm to 20 m): ±5 mm (±0.2 in.)
CS476 (50 cm to 30 m): ±3 mm (±0.1 in.)
CS477 (50 cm to 70 m): ±15 mm (±0.6 in.)
Resolution: 1 mm (0.0033 ft)
Output Protocol: SDI-12
Frequency: ~26 GHz
Electromagnetic Compatibility: Emission to EN 61326;
Electrical Equipment Class B
Pulse Energy: 1 mW maximum
Beam angle:
CS475: 10°
CS476, CS477: 8°
Input Voltage: 9.6 to 16 Vdc
Surge Protection: 1.5 KVA
Typical Current Drain with 12 V power supply
Sleeps: 4.7 mA
Measurement: 14 mA
Temperature Range: -40° to +80°C
Temperature Sensitivity: average TK: 2 mm/10 K, maximum
5 mm over the entire temperature range of -40°to +80°C
Vibration Resistance: Mechanical vibrations with 4 g and
5 to 100 Hz
Mechanical Rating: NEMA 4x
Housing: Aluminium, coated IP66/68
Horn Length
CS475: 137 mm (5.4 in.)
CS476, CS477: 430 mm (16.9 in)
Horn Material: 316L stainless steel
Pulse-Radar Water Level Sensors
CS475 - Radar Water Level Sensor with 20 m Maximum Depth.
CS476 - Radar Water Level Sensor with 30 m Maximum Depth.
CS477 - Radar Water Level Sensor with 70 m Maximum Depth.
Enclosure Options
Field enclosure that houses a CS476 or CS477 head. Typically the
#27162 Enclosure Mounting Kit is also ordered (see Accessories).
Accessories
#25619 - Bubble level that helps align the radar sensor in a vertical
position, which prevents measurement errors.
#25616 - Adjustment/Display Module used for changing settings,
testing, and diagnostics. A cap is available for this
display (see below).
#25654 - Cap with window for use with the #25616 display.
#27162 - CS476 and CS477 Enclosure Mounting Kit.
Top view of the optional field enclosure showing
the sensor placement and backplate for mounting a
datalogger.
Flat edges must be
parallel
with each other,
and face this
direction.
CS476 or CS477
CS475



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com