Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT73CS6DC36VF Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT73CS6DC36VF
Description  Low coil power consumption
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT73CS6DC36VF Datasheet(HTML) 2 Page - DB Lectro Inc

  NT73CS6DC36VF Datasheet HTML 1Page - DB Lectro Inc NT73CS6DC36VF Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NT73 (JQC-3FC)
19.5
16.5
16.5
Ordering Information
NT73 C
S 10 DC12V
F
1
2
3
4
5
6
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Coil Parameter
4 Contact current
5:5A
6:6A
10:10A
12:12A
5 Coil rated voltage(V)
DC:3,4.5,5,6,9,12,24,36,48
6 Resistance heat class
NIL:130
F:155
1 Part number
NT73(JQC-3FC)
2 Contact arrangement
A:1A
B:1B
C:1C
3 Enclosure
S:Sealed type
NIL:Dust cover
Superminiature, High power.
Low coil power consumption.
PC board mounting.
Suitable for household appliances, automation system, electronic equipment, instrument and meter, communication
facilities and remote control facilities.
Contact Data
Contact Arrangement
1A SPSTNO
1B
SPSTNC
1C
SPDT(B-M)
Contact Material
AgCdO
AgSnO
2
Contact Rating (resistive)
5A,6A,10A,12A/125VAC,28VDC; 6A/277VAC; 5A,10A/250VAC
Max. Switching Power
336W 2500VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:12A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
03001003509
E158859
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
003-360
3
3.9
25
2.25
0.3
004-360
4.5
5.9
65
3.4
0.45
005-360
5
6.5
69
3.75
0.5
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
024-360
24
31.2
1600
18.0
2.4
028-360
28
36.4
2180
21.0
2.8
036-360
36
46.8
3600
27.0
3.6
048-360
48
62.4
6400
36.0
4.8
0.36
10
5
C
US
R
Features
Operation condition
Insulation Resistance
250M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 750V
Item 6 of IEC255-5
Between contact and coil
50Hz 1500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~85
Relative Humidity
93% (at 40
)
IEC68-2-3Test Ca
Mass
10.5g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL & CUR
CQC
Dimensions
Reference Data
Dimensions
Mounting (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Wiring diagram
(Bottom view)
10
8
6
4
2
12A/125VAC 28VDC 6A/277VAC
10A/250VAC
Insulation
B-class F-class
Load
5A/250VAC
NT73 (JQC-3FC)
5- 1.3
mm /inch
0.039
0.016
0.472
0.480
0.055
0.079
0.768max.
0.650max.
0.480
0.079
0.051
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.
NHG RELAYS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com