Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18D330K Datasheet(PDF) 8 Page - TYEE Products Inc

Part # 18D330K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D330K Datasheet(HTML) 8 Page - TYEE Products Inc

Back Button 18D330K Datasheet HTML 4Page - TYEE Products Inc 18D330K Datasheet HTML 5Page - TYEE Products Inc 18D330K Datasheet HTML 6Page - TYEE Products Inc 18D330K Datasheet HTML 7Page - TYEE Products Inc 18D330K Datasheet HTML 8Page - TYEE Products Inc 18D330K Datasheet HTML 9Page - TYEE Products Inc 18D330K Datasheet HTML 10Page - TYEE Products Inc 18D330K Datasheet HTML 11Page - TYEE Products Inc 18D330K Datasheet HTML 12Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Dimension Table
Unit:mm
Model
Symbol
D(max.)
7.5
9.0
14.0
17.5
23.0
25.0
H(max.) 10.0
12.0
17.0
20.5
26.0
28.0
W(±1.0)
5.0
5.0
7.5
7.5
7.5
10.0
L(min.)
25.0
25.0
25.0
25.0
25.0
25.0
d(±0.02)
0.6
0.6
0.8
0.8
0.8
1.0
T(max). Table
Unit:mm
Part No
05D
07D
10D
14D
18D
20D
Part No
05D
07D
10D
14D
18D
20D
180K
3.3
3.5
3.9
4.0
4.2
4.3
301K
3.9
4.1
4.3
4.4
4.6
4.7
220K
3.6
3.8
4.2
4.3
4.5
4.6
331K
4.0
4.2
4.5
4.6
4.8
4.9
270K
3.8
4.0
4.4
4.5
4.7
4.8
361K
4.1
4.3
4.7
4.8
5.0
5.1
330K
3.3
3.5
3.9
4.0
4.2
4.3
391K
4.2
4.4
4.8
4.9
5.1
5.2
390K
3.5
3.7
4.1
4.2
4.4
4.5
431K
4.4
4.6
5.0
5.1
5.3
5.4
470K
3.7
3.9
4.3
4.4
4.6
4.7
471K
4.6
4.8
5.2
5.3
5.5
5.6
560K
4.0
4.2
4.6
4.7
4.9
5.0
511K
4.8
5.0
5.3
5.4
5.6
5.7
680K
4.3
4.5
4.9
5.0
5.2
5.3
561K
5.0
5.2
5.5
5.6
5.7
5.9
820K
3.3
3.5
3.9
4.0
4.2
4.3
621K
5.3
5.5
5.7
5.8
6.0
6.1
101K
3.6
3.8
4.2
4.3
4.5
4.6
681K
5.4
5.6
5.8
5.9
6.1
6.2
121K
3.8
4.0
4.4
4.5
4.7
4.8
751K
5.6
5.8
6.0
6.1
6.3
6.4
151K
4.1
4.3
4.7
4.8
5.0
5.1
781K
5.8
6.0
6.3
6.4
6.6
6.7
181K
3.2
3.4
3.8
3.9
4.1
4.2
821K
x
6.3
6.5
6.6
6.8
6.9
201K
3.3
3.5
3.9
4.0
4.2
4.3
911K
x
x
6.6
6.7
6.9
7.0
221K
3.4
3.6
4.0
4.1
4.3
4.4
102K
x
x
7.0
7.1
7.3
7.4
241K
3.5
3.7
4.1
4.2
4.4
4.5
112K
x
x
7.4
7.5
7.7
7.9
271K
3.7
3.9
4.2
4.3
4.5
4.6
182K
x
x
x
11.5
11.7
11.9
Packing Quantity
2000
2000
20000
10000
6000
4000
10000
5000
3000
2000
1000
1000
500
500
Min. Q'ty(pcs)
/Carton
Part No.
Min. Q'ty(pcs)
/ Bags
Min. Q'ty(pcs)
/Inner Box
250
250
1000
1000
14DXXXK
18DXXXK
20DXXXK
05DXXXK
07DXXXK
10DXXXK
Dimension of Standard Products
18D
20D
05D
07D
10D
14D
TYEE Products Inc.
http://www.tyeeusa.com/
Page:8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com