Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

18D151K Datasheet(PDF) 2 Page - TYEE Products Inc

Part # 18D151K
Description  Varistor Specification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYEE [TYEE Products Inc]
Direct Link  http://www.tyeeusa.com/
Logo TYEE - TYEE Products Inc

18D151K Datasheet(HTML) 2 Page - TYEE Products Inc

  18D151K Datasheet HTML 1Page - TYEE Products Inc 18D151K Datasheet HTML 2Page - TYEE Products Inc 18D151K Datasheet HTML 3Page - TYEE Products Inc 18D151K Datasheet HTML 4Page - TYEE Products Inc 18D151K Datasheet HTML 5Page - TYEE Products Inc 18D151K Datasheet HTML 6Page - TYEE Products Inc 18D151K Datasheet HTML 7Page - TYEE Products Inc 18D151K Datasheet HTML 8Page - TYEE Products Inc 18D151K Datasheet HTML 9Page - TYEE Products Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Device Ratings and Characteristics
05D Series
Part No.
Maximum
Maximum
Rated
Typical
Energy
Peak Current
Power
Capacitance
Device
(J)
(8/20µs)
(@1KHz)
Standards
Marking
ACrms(V) DC(V)
Min. Vb(Vdc)
Max.
Vc(V)
Ip(A)
10/1000µs
(A)
(W)
(pF)
05D180K
11
14
14.4
18
21.6
44
1
0.4
100
0.01
1600
☆
05D220K
14
18
18.7
22
26.0
51
1
0.5
100
0.01
1500
☆
05D270K
17
22
23.0
27
31.1
60
1
0.6
100
0.01
1450
☆
05D330K
20
26
29.5
33
36.5
73
1
0.8
100
0.01
1400
☆
05D390K
25
31
35
39
46
86
1
0.9
100
0.01
700
☆
05D470K
30
38
42
47
55
104
1
1.1
100
0.01
650
☆
05D560K
35
45
50
56
66
123
1
1.3
100
0.01
600
☆
05D680K
40
56
61
68
80
150
1
1.6
100
0.01
580
☆
05D820K
50
65
74
82
90
145
5
2.5
400
0.10
310
☆
◎
05D101K
60
85
90
100
110
175
5
3.0
400
0.10
290
☆
◎
05D121K
75
100
108
120
132
210
5
4.0
400
0.10
270
☆
◎
05D151K
95
125
135
150
165
260
5
4.8
400
0.10
240
☆
◎
05D181K
115
150
162
180
198
325
5
5.9
400
0.10
140
☆
◎
05D201K
130
170
185
200
225
355
5
6.5
400
0.10
120
☆ △ ※ ◎
05D221K
140
180
198
220
242
380
5
7.0
400
0.10
110
☆ △ ※ ◎
05D241K
150
200
216
240
264
415
5
8.0
400
0.10
110
☆ △ ※ ◎
05D271K
175
225
247
270
303
475
5
8.5
400
0.10
100
☆ △ ※ ◎
05D301K
195
250
270
300
330
505
5
9.0
400
0.10
100
☆ △ ※ ◎
05D331K
210
275
297
330
363
600
5
10.0
400
0.10
90
☆ △ ※ ◎
05D361K
230
300
324
360
396
620
5
10.0
400
0.10
80
☆ △ ※ ◎
05D391K
250
320
351
390
429
675
5
12.0
400
0.10
80
☆ △ ※ ◎
05D431K
275
350
387
430
473
745
5
13.0
400
0.10
70
☆ △ ※ ◎
05D471K
300
385
423
470
517
810
5
15.0
400
0.10
70
☆ △ ※ ◎
05D511K
320
410
459
510
561
880
5
15.0
400
0.10
65
☆ △ ※ ◎
05D561K
350
460
504
560
616
940
5
15.0
400
0.10
65
☆ △ ※ ◎
05D621K
385
505
558
620
682
1050
5
15.0
400
0.10
65
☆ △ ※ ◎
05D681K
420
560
612
680
748
1150
5
15.0
400
0.10
60
☆ △ ※ ◎
05D751K
460
615
675
750
825
1290
5
15.0
400
0.10
60
☆ △ ※ ◎
Standard No.
File No.
Symbols
Selection guide
1.Determine the necessary steady-state voltage (working voltage).
2.Establish the transient energy absorbed by the varistor
3.Calculate the peak transient current through the varistor
4.Determine power dissipation requirement.
5.Select a model to provide the required voltage-clamping characteristics
△
Title
Application Notes for UL Recognized Components
Related Standards
VDE
Varistors for use in
Electronic equipment
21557-4790-001
☆
Accessories and Parts
for Electronic Products
LR109736-1
◎
※
UL 1449(2nd Edition)
Transient Voltage
UL 1414
Across-The-Line
Components
E165143
Surge Suppressors
E150709
CSA
(@0.1mA)
(8/20µs)
Maximum
Allowable
Voltage
Varistor
Clamping Voltage
Voltage
@ Test Current
TYEE Products Inc.
http://www.tyeeusa.com/
Page:2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com