Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86PM49UG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TMP86PM49UG
Description  8 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86PM49UG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TMP86PM49UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 19Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 20Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 21Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 22Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 23Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 24Page - Toshiba Semiconductor TMP86PM49UG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 262 page
background image
Page 5
TMP86PM49UG
1.4 Pin Names and Functions
The TMP86PM49UG has MCU mode and PROM mode. Table 1-1 shows the pin functions in MCU mode. The
PROM mode is explained later in a separate chapter.
Table 1-1 Pin Names and Functions(1/3)
Pin Name
Pin Number
Input/Output
Functions
P07
INT2
17
IO
I
PORT07
External interrupt 2 input
P06
SCK1
16
IO
IO
PORT06
Serial clock input/output 1
P05
SO1
15
IO
O
PORT05
Serial data output 1
P04
SI1
14
IO
I
PORT04
Serial data input 1
P03
INT1
13
IO
I
PORT03
External interrupt 1 input
P02
TXD1
12
IO
O
PORT02
UART data output 1
P01
RXD1
11
IO
I
PORT01
UART data input 1
P00
INT0
10
IO
I
PORT00
External interrupt 0 input
P17
TC6
PDO6/PWM6/PPG6
51
IO
I
O
PORT17
TC6 input
PDO6/PWM6/PPG6 output
P16
TC5
PDO5/PWM5
50
IO
I
O
PORT16
TC5 input
PDO5/PWM5 output
P15
TC2
INT3
49
IO
I
I
PORT15
TC2 input
External interrupt 3 input
P14
TC4
PDO4/PWM4/PPG4
48
IO
I
O
PORT14
TC4 input
PDO4/PWM4/PPG4 output
P13
TC3
PDO3/PWM3
47
IO
I
O
PORT13
TC3 input
PDO3/PWM3 output
P12
PPG
46
IO
O
PORT12
PPG output
P11
DVO
45
IO
O
PORT11
Divider Output
P10
TC1
44
IO
I
PORT10
TC1 input
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com