Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM29LUG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP86CM29LUG
Description  8 Bit Microcontroller
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM29LUG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP86CM29LUG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 50Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 51Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 52Page - Toshiba Semiconductor TMP86CM29LUG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 198 page
background image
Page 35
TMP86CM29LUG
Figure 2-16 Reset Circuit
2.3.2 Address trap reset
If the CPU should start looping for some cause such as noise and an attempt be made to fetch an instruction
from the on-chip RAM (when WDTCR1<ATAS> is set to “1”), DBR or the SFR area, address trap reset will be
generated. The reset time is maximum 24/fc + 210/fc[s] (65.5
µs at 16.0 MHz). Then, the RESET pin outputs "L"
level during maximum 24/fc[s].
Note:The operating mode under address trapped is alternative of reset or interrupt. The address trap area is alter-
native.
Note 1: Address “a” is in the SFR, DBR or on-chip RAM (WDTCR1<ATAS> = “1”) space.
Note 2: During reset release, reset vector “r” is read out, and an instruction at address “r” is fetched and decoded.
Note 3: Varies on account of external condition: voltage or capacitance
Figure 2-17 Address Trap Reset
2.3.3 Watchdog timer reset
Refer to Section “Watchdog Timer”.
2.3.4 System clock reset
If the condition as follows is detected, the system clock reset occurs automatically to prevent dead lock of the
CPU. (The oscillation is continued without stopping.)
- In case of clearing SYSCR2<XEN> and SYSCR2<XTEN> simultaneously to “0”.
- In case of clearing SYSCR2<XEN> to “0”, when the SYSCR2<SYSCK> is “0”.
- In case of clearing SYSCR2<XTEN> to “0”, when the SYSCR2<SYSCK> is “1”.
The flash reset occurs immediately after the system clock reset operation. The reset time is maximum 24/fc +
210/fc (65.5
µs at 16.0 MHz). Then, the RESET pin outputs "L" level during maximum 24/fc[s] (1.5µs at
16.0MHz).
Internal reset
Flash reset counter
RESET
VDD
Malfunction
reset output
circuit
Watchdog timer reset
Address trap reset
System clock reset
Instruction at address r
16/fc [s]
Maximum 24/fc [s]
Instruction
execution
Internal reset
signal
RESET output
JP a
Reset release
Address trap is occurred
("L" output)
4/fc to 12/fc [s]
210/fc [s]
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com