Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CM49NG Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # TMP86CM49NG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM49NG Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button TMP86CM49NG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 24Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 25Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 26Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 27Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 252 page
background image
Page 9
TMP86CM49NG
2. Operational Description
2.1 CPU Core Functions
The CPU core consists of a CPU, a system clock controller, and an interrupt controller.
This section provides a description of the CPU core, the program memory, the data memory, and the reset circuit.
2.1.1 Memory Address Map
The TMP86CM49NG memory is composed MaskROM, RAM, DBR(Data buffer register) and SFR(Special
function register). They are all mapped in 64-Kbyte address space. Figure 2-1 shows the TMP86CM49NG
memory address map.
Figure 2-1 Memory Address Map
2.1.2 Program Memory (MaskROM)
The TMP86CM49NG has a 32768 bytes (Address 8000H to FFFFH) of program memory (MaskROM ).
SFR
0000H
64 bytes
SFR:
RAM:
Special function register includes:
I/O ports
Peripheral control registers
Peripheral status registers
System control registers
Program status word
Random access memory includes:
Data memory
Stack
003FH
RAM
0040H
1024
bytes
043FH
DBR
0F80H
128
bytes
DBR:
Data buffer register includes:
Peripheral control registers
Peripheral status registers
0FFFH
8000H
MaskROM:
Program memory
MaskROM
32768
bytes
FFB0H
Vector table for interrupts
(16 bytes)
FFBFH
FFC0H
Vector table for vector call instructions
(32 bytes)
FFDFH
FFE0H
Vector table for interrupts
(32 bytes)
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com