Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP86CS25AFG Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP86CS25AFG
Description  8 Bit Microcontroller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS25AFG Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP86CS25AFG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 65Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 66Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 67Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 68Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 69Page - Toshiba Semiconductor TMP86CS25AFG Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 194 page
background image
Page 56
5. I/O Ports
5.3 Port P3 (P36 to P30)
TMP86CS25AFG
5.3 Port P3 (P36 to P30)
Port P3 is a 7-bit input/output port.
It is also used as a External interrupt input, timer/counter input/output, divider output and LCD common/segment
output.
When used as an input port or a secondary function pins, after setting segment/common output control (P3LCR) to
“0” respective output latch (P3DR) should be set to “1”. During reset, the P3DR is initialized to “1”, and segment
output control (P3LCR) is initialized by “0”. In using it as LCD segment/ common output, it sets the bit to which
P3LCR corresponds to “1”.
P3 port output latch (P3DR) and P3 port terminal input (P3PRD) are located on their respective address.
When read the output latch data, the P3DR should be read and when read the terminal input data, the P3PRD reg-
ister should be read. If a read instruction is executed for port P3, read data of bit 7 is unstable.
Figure 5-4 Port 3
Note: With ports assigned as MUL6 to MUL0, assigned pins can be switched by the multi function register (MULSEL).
The assigned functions are shown in “5.7 Multi Function Register”.
P3DR
(0003H)
R/W
76
543
21
0
P36
COM7
MUL6
P35
COM6
MUL5
P34
COM5
MUL4
P33
SEG51
MUL3
P32
SEG50
MJUL2
P31
SEG49
MJUL1
P30
SEG48
MJUL0
(Initial value: *111 1111)
P3LCR
(0004H)
76
543
21
0
(Initial value: *000 0000)
P3LCR
Port P3 control
(set for each bit individually)
0: P3 input/output port or function except LCD segment or common output
1: LCD segment output/common output
R/W
P3PRD
(000AH)
Read only
76
543
21
0
P36P35
P34P33
P32P31
P30
Output latch
P3LCRi
Data output (P3DR)
Output latch data (P3DR)
LCD data output
Control input
Terminal input (P3PRD)
STOP
OUTEN
Control output
P3LCRi input
P3i
Note: i = 6 to 0
DQ
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com